Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1031ARQZ-R7 Datasheet(PDF) 27 Page - ON Semiconductor

Part # ADM1031ARQZ-R7
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1031ARQZ-R7 Datasheet(HTML) 27 Page - ON Semiconductor

Back Button ADM1031ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
ADM1031
http://onsemi.com
27
Table 21. Register 0y22 Fan Speed Configuration Register Power−On Default = 55H
Bit
Name
R/W
Description
<3:0>
Normal/Min Spd 1
R/W
This nibble contains the normal speed value for Fan 1. When in automatic fan speed
control mode, this nibble contains the minimum speed at which Fan 1 runs. Default is
0x05 for 33% PWM duty cycle.
<7:4>
Normal/Min Spd 2
R/W
This nibble contains the normal speed value for Fan 2. When in automatic fan speed
control mode, this nibble contains the minimum speed at which Fan 2 runs. Default is
0x05 for 33% PWM duty cycle.
Table 22. Register 0y23 Fan Filter Register Power−On Default = 50H
Bit
Name
R/W
Description
<7>
Spin−Up Disable
R/W
When set to 1, disables fan spin−up.
<6:5>
Ramp Rate
R/W
These bits set the ramp rate. (Default = 31 Hz)
00 = 1
01 = 2
10 = 4 (Default)
11 = 8
<4:2>
ADC Sample Rate
R/W
These bits set the sampling rate for the ADC.
000 = 87.5 Hz
001 = 175 Hz
010 = 350 Hz
011 = 700 Hz
100 = 1.4 kHz (Default)
101 = 2.8 kHz
110 = 5.6 kHz
111 = 11.2 kHz
<1>
Fan 2 Filter En
R/W
This bit enables fan filtering for Fan 2.
<0>
Fan 1 Filter En
R/W
This bit enables fan filtering for Fan 1.
Table 23. Register 0y24 Local Temp TMIN/TRANGE Power−On Default = 41H
Bit
Name
R/W
Description
<7:3>
> Local Temp TMIN
R/W
Contains the minimum temperature value for automatic fan speed control based on
local temperature readings. TMIN can be programmed to positive values only in 4°C
increments. Default is 32°C.
00000 = 0°C
00001 = 4°C
00010 = 8°C
00011 = 12°C
|
|
01000 = 32°C (Default)
|
|
|
11110 = 120°C
11111 = 124°C
<2:0>
Local Temp TRANGE
R/W
This nibble contains the temperature range value for automatic fan speed control
based on the local temperature readings.
000 = 5°C
001 = 10°C (Default)
010 = 20°C
011 = 40°C
100 = 80°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com