Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1031ARQZ-R7 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ADM1031ARQZ-R7
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1031ARQZ-R7 Datasheet(HTML) 3 Page - ON Semiconductor

  ADM1031ARQZ-R7 Datasheet HTML 1Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 2Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 3Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
ADM1031
http://onsemi.com
3
PIN ASSIGNMENT
Pin No.
Mnemonic
Description
1
PWM_OUT1
Digital Output, Open−Drain. Pulse width modulated output to control fan speed. Requires pullup
resistor (10 kW typical).
2
TACH1/AIN1
Digital/Analog Input. Fan tachometer input to measure FAN1 fan speed. Can be reprogrammed as an
analog input to measure speed of a 2−wire fan via a sense resistor (2 W typical).
3
PWM_OUT2
Digital Output, Open−Drain. Pulse width modulated output to control FAN2 fan speed. Requires
pullup resistor (10 kW typical).
4
TACH2/AIN2
Digital/Analog Input. Fan tachometer input to measure FAN2 fan speed. Can be reprogrammed as an
analog input to measure speed of a 2−wire fan via a sense resistor (2 W typical).
5
GND
System Ground.
6
VCC
Power. Can be powered by 3.3 V standby power if monitoring in low power states is required.
7
THERM
Digital I/O, Open−Drain. An active low thermal overload output that indicates a violation of a
temperature set point (overtemperature). Also acts as an input to provide external fan control. When
this pin is pulled low by an external signal, a status bit is set, and the fan speed is set to full−on.
Requires pullup resistor (10 kW).
8
FAN_FAULT
Digital Output, Open−Drain. Can be used to signal a fan fault. Drives second fan to full speed if one
fan fails. Requires pullup resistor (typically 10 kW).
9
D1–
Analog Input. Connected to cathode of first remote temperature−sensing diode. The
temperature−sensing element is either a Pentium III substrate transistor or a general−purpose
2N3904.
10
D1+
Analog Input. Connected to anode of first remote temperature−sensing diode.
11
D2–
Analog Input. Connected to cathode of second remote temperature−sensing diode.
12
D2+
Analog Input. Connected to anode of second remote temperature−sensing diode.
13
ADD
Three−State Logic Input. Sets two lower bits of device SMBus address.
14
INT(SMBALERT)
Digital Output, Open−Drain. Can be programmed as an interrupt (SMBus ALERT) output for
temperature/fan speed interrupts. Requires pullup resistor (10 kW typical).
15
SDA
Digital I/O, Serial Bus Bidirectional Data. Open−drain output. Requires pullup resistor (2.2 kW typical).
16
SCL
Digital Input, Serial Bus Clock. Requires pullup resistor (2.2 kW typical).
ELECTRICAL CHARACTERISTICS TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted. (Note 1)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Supply Voltage, VCC
3.0
3.3
3.6
V
Supply Current, ICC
Interface inactive, ADC active
Standby mode
1.4
32
3.0
50
mA
mA
TEMPERATURE−TO−DIGITAL CONVERTER
Local Sensor Accuracy
±1.0
±3.0
°C
Resolution
0.25
°C
Remote Diode1 Sensor Accuracy
60°C ≤ TD ≤ 100°C
±0.5
±1.0
°C
Remote Diode2 Sensor Accuracy
60°C ≤ TD ≤ 100°C
±0.5
±1.75
°C
Resolution
0.125
°C
Remote Sensor Source Current
High level
Low level
180
11
mA
OPEN−DRAIN DIGITAL OUTPUTS (THERM, INT, FAN_FAULT, PWM_OUT)
Output Low Voltage, VOL
IOUT = –6.0 mA; VCC = 3.0 V
0.4
V
High−Level Output Leakage Current, IOH
VOUT = VCC; VCC = 3.0 V
0.1
1.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com