Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100P Datasheet(PDF) 8 Page - STMicroelectronics

Part # STE100P
Description  10/100 FAST ETHERNET 3.3V TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100P Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STE100P Datasheet HTML 4Page - STMicroelectronics STE100P Datasheet HTML 5Page - STMicroelectronics STE100P Datasheet HTML 6Page - STMicroelectronics STE100P Datasheet HTML 7Page - STMicroelectronics STE100P Datasheet HTML 8Page - STMicroelectronics STE100P Datasheet HTML 9Page - STMicroelectronics STE100P Datasheet HTML 10Page - STMicroelectronics STE100P Datasheet HTML 11Page - STMicroelectronics STE100P Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
STE100P
8/31
6
REGISTERS AND DESCRIPTORS DESCRIPTION
There are 11 registers with 16 bits each supported for the STE100P. These include 7 basic registers which
are defined according to the clause 22 “Reconciliation Sublayer and Media Independent Interface” and
clause 28 “Physical Layer link signaling for 10 Mb/s and 100 Mb/s Auto-Negotiation on twisted pair” of
IEEE802.3u standard.
In addition, there are 4 special registers for advanced chip control and status information.
6.1
Register List
Table 4. Register List
6.2
Register Descriptions
Address
Reg. Index
Name
Register Descriptions
0
PR0
XCR
XCVR Control Register
1
PR1
XSR
XCVR Status Register
2
PR2
PID1
PHY Identifier 1
3
PR3
PID2
PHY Identifier 2
4
PR4
ANA
Auto-Negotiation Advertisement Register
5
PR5
ANLPA
Auto-Negotiation Link Partner Ability Register
6
PR6
ANE
Auto-Negotiation Expansion Register
17
PR17
XCIIS
XCVR Configuration Information and Interrupt Status Register
18
PR18
XIE
XCVR Interrupt Enable Register
19
PR19
100CTR
100Base-TX PHY Control/Status Register
20
PR20
XMC
XCVR Mode Control Register
Table 5. Register Descriptions
Bit #
Name
Descriptions
Default Val
RW Type
PR0- XCR, XCVR Control Register. The default values on power-up/reset are as listed below.
15
XRST
Reset control.
1: Device will be reset. This bit will be cleared by STE100P
itself after the reset is completed.
0R/W
14
XLBEN
Loop-back mode select.
1: Loop-back mode is selected.
0: Normal mode
0R/W
13
SPSEL
Network Speed select. This bit’s selection will be ignored if
Auto-Negotiation is enabled(bit 12 of PR0 = 1).
1:100Mbps is selected.
0:10Mbps is selected.
1R/W
12
ANEN
Auto-Negotiation ability control.
1: Auto-Negotiation function is enabled.
0: Auto-Negotiation is disabled.
1R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com