Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100P Datasheet(PDF) 10 Page - STMicroelectronics

Part # STE100P
Description  10/100 FAST ETHERNET 3.3V TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100P Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STE100P Datasheet HTML 6Page - STMicroelectronics STE100P Datasheet HTML 7Page - STMicroelectronics STE100P Datasheet HTML 8Page - STMicroelectronics STE100P Datasheet HTML 9Page - STMicroelectronics STE100P Datasheet HTML 10Page - STMicroelectronics STE100P Datasheet HTML 11Page - STMicroelectronics STE100P Datasheet HTML 12Page - STMicroelectronics STE100P Datasheet HTML 13Page - STMicroelectronics STE100P Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
STE100P
10/31
6
MFPS
MF Preamble Suppression
1 =Accepts management frames with pre-amble suppressed.
0 = Will not accept management frames with preamble
suppressed. The value of this bit is controlled by bit 1 of PR20.
Its default of 1 indicates that the SFEPHY1 accepts
management frame without preamble. A minimum of 32
preamble bits are required following power-on or hardware
reset. One IDLE bit is required between any two management
transactions as per IEEE 802.3u specification.
1RO
5
ANC
Auto-Negotiation Completed.
0: Auto-Negotiation process is not completed.
1: Auto-Negotiation process is completed. (PR0, Bit 12 is set)
0RO
4
RF
Result of remote fault detection.
0: No remote fault condition detected.
1: Remote fault condition detected.
This bit is set when the Link Partner transmits a remote fault
condition (PR5 bit 13 = 1).
0RO/LH*
3
AN
Auto-Negotiation ability.
Always 1, since STE100P has the Auto-Negotiation ability.
1RO
2
LINK
Link status.
0: a failure link condition occurred. (Latched until read)
1: a valid link is established.
0
RO/LL*
1
JAB
Jabber detection.
1: jabber condition is detected (10Base-T only).
0RO/LH*
0
EXT
Extended register supporting.
Always 1, since STE100P supports extended register
1RO
LL* = Latching Low and clear by read. LH* = Latching High and clear by read.
PR2- PID1, PHY Identifier 1
15~0
PHYID1
Part one of PHY Identifier.
Assigned to the 3rd to 18th bits of the Organizationally Unique
Identifier (OUI). (The ST OUI is 0080E1 hex).
1C04h
RO
PR3- PID2, PHY Identifier 2
15~10
PHYID2
Part two of PHY Identifier.
Assigned to the 19th to 24th bits of the Organizationally Unique
Identifier (OUI).
000000b
RO
9~4
MODEL
Model number of STE100P.
Six bits manufacture’s model number.
000001b
RO
3~0
REV
Revision number of STE100P.
Four bits manufacture’s revision number.
0001b
RO
PR4- ANA, Auto-Negotiation Advertisement
15
NXTPG
Next Page ability.
Always 0: since STE100P does not provide next page ability.
0RO
14
---
Reserved
Table 5. Register Descriptions (continued)
Bit #
Name
Descriptions
Default Val
RW Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com