Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100P Datasheet(PDF) 3 Page - STMicroelectronics

Part # STE100P
Description  10/100 FAST ETHERNET 3.3V TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100P Datasheet(HTML) 3 Page - STMicroelectronics

  STE100P Datasheet HTML 1Page - STMicroelectronics STE100P Datasheet HTML 2Page - STMicroelectronics STE100P Datasheet HTML 3Page - STMicroelectronics STE100P Datasheet HTML 4Page - STMicroelectronics STE100P Datasheet HTML 5Page - STMicroelectronics STE100P Datasheet HTML 6Page - STMicroelectronics STE100P Datasheet HTML 7Page - STMicroelectronics STE100P Datasheet HTML 8Page - STMicroelectronics STE100P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3/31
STE100P
3
PIN ASSIGNMENT DIAGRAM
Figure 4. Pin Connection
4
PIN DESCRIPTION
Table 2. Pin Description
Pin No.
Name
Type
Description
MII Data Interface
52
58
57
56
55
txd4
txd3
txd2
txd1
txd0
I
Transmit Data. The Media Access Controller (MAC) drives data to the STE100P
using these inputs.
txd4 is monitored only in Symbol (5B) Mode.
These signals must be synchronized to the tx_clk.
54
tx_en
I
Transmit Enable. The MAC asserts this signal when it drives valid data on the
txd inputs. This signal must be synchronized to the tx_clk.
53
tx_clk
I/O
Transmit Clock. Normally the STE100P drives tx_clk. Refer to the Clock
Requirements discussion in the Functional Description section.
25 MHz for 100 Mbps operation.
2.5 MHz for 10 Mbps operation.
1
2
3
5
6
4
7
8
9
10
27
11
28 29 30 31 32
59 58 57 56
54
55
53 52 51 50 49
43
42
41
39
38
40
48
47
46
44
45
fde
mf0
mf1
mf3
mf4
mf2
x2
gnda
vcca
gnda
nc
rdx3
mdc
mdio
vcce/i
ledr10
gnde/i
rx_dv
rxd0
rxd1
rdx2
vcce/i
D99TL457B
22 23 24 25 26
60
61
62
63
64
17 18 19 20 21
37
36
34
33
35
ledtr
ledl
leds
test_se
ledc
12
13
14
15
16
vcca
iref
gnda
x1
vcca



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com