Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100P Datasheet(PDF) 21 Page - STMicroelectronics

Part # STE100P
Description  10/100 FAST ETHERNET 3.3V TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100P Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STE100P Datasheet HTML 17Page - STMicroelectronics STE100P Datasheet HTML 18Page - STMicroelectronics STE100P Datasheet HTML 19Page - STMicroelectronics STE100P Datasheet HTML 20Page - STMicroelectronics STE100P Datasheet HTML 21Page - STMicroelectronics STE100P Datasheet HTML 22Page - STMicroelectronics STE100P Datasheet HTML 23Page - STMicroelectronics STE100P Datasheet HTML 24Page - STMicroelectronics STE100P Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
21/31
STE100P
Table 8. AC Specifications
Figure 8. Normal Link Pulse timings
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
X1 Specifications
TX1d
X1 Duty Cycle
45
50
55
%
TX1p
X1 Period
30
ns
TX1t
X1 Tolerance
±50
PPM
TX1CL
X1 Load Capacitance
18
pF
10Base-T Normal Link Pulse (NLP) Timings Specifications
TNPW
NLP Width
10Mbps
100
ns
TNPC
NLP Period
10Mbps
8
24
ms
Table 8. AC Specifications
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Auto-Negotiation Fast Link Pulse(FLP) Timings Specifications
Tflpw
FLP Width
100
ns
Tflcpp
Clock pulse to clock pulse period
111
125
139
µs
Tflcpd
Clock pulse to Data pulse period
55.5
62.5
69.5
µs
-
Number of pulses in one burst
17
33
pulse
Tflbw
Burst Width
2
ms
Tflbp
FLP Burst period
8
16
24
ms
Tnpw
Tnpc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com