Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100P Datasheet(PDF) 13 Page - STMicroelectronics

Part # STE100P
Description  10/100 FAST ETHERNET 3.3V TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100P Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STE100P Datasheet HTML 9Page - STMicroelectronics STE100P Datasheet HTML 10Page - STMicroelectronics STE100P Datasheet HTML 11Page - STMicroelectronics STE100P Datasheet HTML 12Page - STMicroelectronics STE100P Datasheet HTML 13Page - STMicroelectronics STE100P Datasheet HTML 14Page - STMicroelectronics STE100P Datasheet HTML 15Page - STMicroelectronics STE100P Datasheet HTML 16Page - STMicroelectronics STE100P Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
13/31
STE100P
3
ANAR
Interrupt source of Auto-Negotiation Acknowledge Received.
0: there is no link code word received.
1: link code word is receive from link partner.
0RO/LH*
2
PDF
Interrupt source of Parallel Detection Fault.
0: there is no parallel detection fault.
1: parallel detection is fault.
0RO/LH*
1
ANPR
Interrupt source of Auto-Negotiation Page Received.
0: there is no Auto-Negotiation page received.
1: auto-negotiation page is received.
0RO/LH*
0
REF
Interrupt source of Receive Error full.
0: the receive error number is less than 64.
1: 64 error packets are received.
0RO/LH*
LH = High Latching and cleared by reading.
PR18- XIE, XCVR Interrupt Enable Register
15~7
---
Reserved
6
ANCE
Auto-Negotiation Completed interrupt Enable.
0: disable Auto-Negotiation completed interrupt.
1: enable Auto-Negotiation complete interrupt.
0R/W
5
RFE
Remote Fault detected interrupt Enable.
0: disable remote fault detection interrupt.
1: enable remote fault detection interrupt.
0R/W
4
LDE
Link Down interrupt Enable.
0: disable link fail interrupt.
1: enable link fail interrupt.
0R/W
3
ANAE
Auto-Negotiation Acknowledge interrupt Enable.
0: disable link partner acknowledge interrupt
1: enable link partner acknowledge interrupt.
0R/W
2
PDFE
Parallel Detection Fault interrupt Enable.
0: disable fault parallel detection interrupt.
1: enable fault parallel detection interrupt.
0R/W
1
ANPE
Auto-Negotiation Page Received interrupt Enable.
0: disable Auto-Negotiation page received interrupt.
1: enable Auto-Negotiation page received interrupt.
0R/W
0
REFE
RX_ERR full interrupt Enable.
0: disable rx_err full interrupt.
1: enable more than 64 time rx_err interrupt,
0R/W
PR19- 100CTR, 100Base-TX Control Register
15,14
---
reserved
13
DISRER
Disable the RX_ERR counter.
0: the receive error counter - RX_ERR is enabled.
1: the receive error counter - RX_ERR is disabled.
0R/W
12
ANC
Auto-Negotiation completed. This bit is the same as PR1:5.
0: the Auto-Negotiation process has not completed yet.
1: the Auto-Negotiation process has completed.
0RO
Table 5. Register Descriptions (continued)
Bit #
Name
Descriptions
Default Val
RW Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com