Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100P Datasheet(PDF) 22 Page - STMicroelectronics

Part # STE100P
Description  10/100 FAST ETHERNET 3.3V TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100P Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STE100P Datasheet HTML 18Page - STMicroelectronics STE100P Datasheet HTML 19Page - STMicroelectronics STE100P Datasheet HTML 20Page - STMicroelectronics STE100P Datasheet HTML 21Page - STMicroelectronics STE100P Datasheet HTML 22Page - STMicroelectronics STE100P Datasheet HTML 23Page - STMicroelectronics STE100P Datasheet HTML 24Page - STMicroelectronics STE100P Datasheet HTML 25Page - STMicroelectronics STE100P Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
STE100P
22/31
Figure 9. Fast Link Pulse timing
Table 8. AC Specifications
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
100Base-TX Transmitter AC Timings Specification
Tjit
TDP-TDN Differential Output
Peak Jitter
1.4
ps
MII Management Clock Timing Specifications
t1
MDC High Pulse Width
200
ns
t2
MDC Low Pulse Width
200
ns
t3
MDC Period
400
ns
t4
MDIO(I) Setup to MDC Rising
Edge
10
ns
t5
MDIO(I) Hold Time from MDC
Rising Edge
10
ns
t6
MDIO(O) Valid from MDC Rising
Edge
0
300
ns
Tflpw
Tflbw
Tflbp
Tflcpp
Tflcpd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com