Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100P Datasheet(PDF) 23 Page - STMicroelectronics

Part # STE100P
Description  10/100 FAST ETHERNET 3.3V TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100P Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STE100P Datasheet HTML 19Page - STMicroelectronics STE100P Datasheet HTML 20Page - STMicroelectronics STE100P Datasheet HTML 21Page - STMicroelectronics STE100P Datasheet HTML 22Page - STMicroelectronics STE100P Datasheet HTML 23Page - STMicroelectronics STE100P Datasheet HTML 24Page - STMicroelectronics STE100P Datasheet HTML 25Page - STMicroelectronics STE100P Datasheet HTML 26Page - STMicroelectronics STE100P Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
23/31
STE100P
Figure 10. MII Management Clock Timing
Table 8. AC Specifications
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
MII Receive Timing Specification
t1
RX-ER, RX-DV, RXD[3:0] Setup
to RX-CLK
10
—
ns
t2
RX-ER, RX-DV, RXD[3:0] Hold
After RX-CLK
10
—
ns
t3
RX-CLK High Pulse Width (100
Mbits/s)
14
26
ns
RX-CLK High Pulse Width (10
Mbits/s)
200
ns
t4
RX-CLK Low Pulse Width (100
Mbits/s)
14
26
ns
RX-CLK Low Pulse Width (10
Mbits/s)
140
260
ns
t5
RX-CLK Period (100 Mbits/s)
40
ns
RX-CLK Period (10 Mbits/s)
400
ns
MDC
MDIO(O)
MDIO(I)
t1
t2
t3
t4
t5
t6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com