Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100P Datasheet(PDF) 15 Page - STMicroelectronics

Part # STE100P
Description  10/100 FAST ETHERNET 3.3V TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100P Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STE100P Datasheet HTML 11Page - STMicroelectronics STE100P Datasheet HTML 12Page - STMicroelectronics STE100P Datasheet HTML 13Page - STMicroelectronics STE100P Datasheet HTML 14Page - STMicroelectronics STE100P Datasheet HTML 15Page - STMicroelectronics STE100P Datasheet HTML 16Page - STMicroelectronics STE100P Datasheet HTML 17Page - STMicroelectronics STE100P Datasheet HTML 18Page - STMicroelectronics STE100P Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
15/31
STE100P
7
DEVICE OPERATION
The STE100P integrates the IEEE802.3u compliant functions of PCS (Physical Coding Sub-layer), PMA
(Physical Medium Attachment), and PMD(Physical Medium Dependent) for 100Base-TX, and the
IEEE802.3 compliant functions of Manchester encoding/decoding and transceiver for 10Base-T. All the
functions and operation schemes are described in the following sections.
7.1 100Base-TX Transmit Operation
Regarding the 100Base-TX transmission, the device provides the transmission functions of PCS, PMA,
and PMD for encoding of MII data nibbles to five-bit code-groups (4B/5B), scrambling, serialization of
scrambled code-groups, converting the serial NRZ code into NRZI code, converting the NRZI code into
MLT3 code, and then driving the MLT3 code into the category 5 Unshielded Twisted Pair cable through
an isolation transformer with the turns ratio of 1:1.
Data code-groups Encoder: In normal MII mode application, the device receives nibble type 4B data via
the TxD0~3 inputs of the MII. These inputs are sampled by the device on the rising edge of Tx-clk and
passed to the 4B/5B encoder to generate the 5B code-group used by 100Base-TX.
Idle code-groups: In order to establish and maintain the clock synchronization, the device needs to keep
transmitting signals to the medium. The device will generate Idle code-groups for transmission when there
is no real data want to be sent by MAC.
Start-of-Stream Delimiter-SSD (/J/K/): In a transmission stream, the first 16 nibbles are MAC preamble.
In order to let partner delineate the boundary of a data transmission sequence and to authenticate carrier
events, the device will replace the first 2 nibbles of the MAC preamble with /J/K/ code-groups.
End-of-Stream Delimiter-ESD (/T/R/): In order to indicate the termination of the normal data transmis-
sions, the device will insert 2 nibbles of /T/R/ code-group after the last nibble of FCS.
Scrambling: All the encoded data(including the idle, SSD, and ESD code-groups) is passed to the data
scrambler to reduce the EMI and spread the power spectrum using a 10-bit scrambler seed loaded at the
beginning.
7~3
PAD4:0
PHY Address [4:0]:
The values of the PAD[4:0] pins are latched to this register at
power-up/reset. The first PHY address bit transmitted or
received is the MSB of the address (bit 4). A station
management entity connected to multiple PHY entities must
know the appropriate address of each PHY. A PHY address of
<00000> that is latched in to the part at power-up/reset will
cause the Isolate bit of the PR0 (bit 10, register address 00h)
to be set.
After power up/reset the only way to enable or disable isolate
mode is to set or clear the Isolate bit (bit 10) PR0. After power
up/reset writing <00000> to bits [4:0] of this register will not
cause the part to enter isolate mode.
[00001]
Strap,
R/W
2
---
reserved
0
RO
1
MFPSE
MF Preamble Suppression Enable
1 = Accept management frames with pre-amble suppressed.
0 = Do not accept management frames with preamble
suppressed.
This bit also controls the value of bit 6 in PR1 (MFPS).
1R/W
0
---
reserved
0
RO
Table 5. Register Descriptions (continued)
Bit #
Name
Descriptions
Default Val
RW Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com