Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100P Datasheet(PDF) 11 Page - STMicroelectronics

Part # STE100P
Description  10/100 FAST ETHERNET 3.3V TRANSCEIVER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100P Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STE100P Datasheet HTML 7Page - STMicroelectronics STE100P Datasheet HTML 8Page - STMicroelectronics STE100P Datasheet HTML 9Page - STMicroelectronics STE100P Datasheet HTML 10Page - STMicroelectronics STE100P Datasheet HTML 11Page - STMicroelectronics STE100P Datasheet HTML 12Page - STMicroelectronics STE100P Datasheet HTML 13Page - STMicroelectronics STE100P Datasheet HTML 14Page - STMicroelectronics STE100P Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11/31
STE100P
13
RF
Remote Fault function.
1: with remote fault function.
0R/W
12,11
---
Reserved
10
FC
Flow Control function Ability.
1:supports PAUSE operation of flow control for full duplex link.
1R/W
9
T4
100BASE-T4 Ability.
Always 0: since STE100P doesn’t have 100BASE-T4 ability.
0RO
8
TXF
100Base-TX Full duplex Ability.
1: with 100Base-TX full duplex ability.
1R/W
7
TXH
100Base-TX Half duplex Ability.
1: with 100Base-TX ability.
1R/W
6
10F
10Base-T Full duplex Ability.
1: with 10Base-T full duplex ability.
1R/W
5
10H
10Base-T Half duplex Ability.
1: with 10Base-T ability.
1R/W
4~0
SF
Select field.
00000
RO
PR5- ANLP, Auto-Negotiation Link Partner ability
15
LPNP
Link partner Next Page ability.
0: link partner without next page ability.
1: link partner with next page ability.
0RO
14
LPACK
Received Link Partner Acknowledge.
0: link code work had not received yet.
1: link partner successfully received STE100P’s Link Code
Word.
0RO
13
LPRF
Link Partner’s Remote fault status.
0: no remote fault detected.
1: remote fault detected.
0RO
12,11
---
Reserved
0
RO
10
LPFC
Link Partner’s Flow control ability.
0: link partner without PAUSE function ability.
1: link partner with PAUSE function full duplex link ability.
0RO
9
LPT4
Link Partner’s 100BASE-T4 ability.
0: link partner without 100BASE-T4 ability.
1: link partner with 100BASE-T4 ability.
0RO
8
LPTXF
Link Partner’s 100Base-TX Full duplex ability.
0: link partner without 100Base-TX full duplex ability.
1: link partner with 100Base-TX full duplex ability.
0RO
7
LPTXH
Link Partner’s 100Base-TX Half duplex ability.
0: link partner without 100Base-TX.
1: link partner with 100Base-TX ability.
0RO
6
LP10F
Link Partner’s 10Base-T Full Duplex ability.
0: link partner without 10Base-T full duplex ability.
1: link partner with 10Base-T full duplex ability.
0RO
Table 5. Register Descriptions (continued)
Bit #
Name
Descriptions
Default Val
RW Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com