Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015T Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA015T
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA015T Datasheet HTML 7Page - STMicroelectronics STA015T Datasheet HTML 8Page - STMicroelectronics STA015T Datasheet HTML 9Page - STMicroelectronics STA015T Datasheet HTML 10Page - STMicroelectronics STA015T Datasheet HTML 11Page - STMicroelectronics STA015T Datasheet HTML 12Page - STMicroelectronics STA015T Datasheet HTML 13Page - STMicroelectronics STA015T Datasheet HTML 14Page - STMicroelectronics STA015T Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
11/56
STA015
proper operation BIT_EN line should be toggled only when SCKR is stable low (for both SCLK_POL con-
figuration). The possible configurations are described in Fig. 8.
3.2 GPSO Output Interface
In order to retrieve ADPCM encoded data a General Purpose Serial Output interface is available (in
TQFP44 and LFBGA64 packages only). The maximum frequency for GPSO_SCKR clock is the DSP sys-
tem clock frequency divided by 3 (i.e. 8.192 MHz @ 24.58MHz). The interface is based on a simple and
configurable 3-lines protocol, as described by figure 10.
3.3 PCM Output Interface
The decoded audio data are output in serial PCM format. The interface consists of the following signals:
SDO
PCM Serial Data Output
SCKT
PCM Serial Clock Output
LRCLK
Left/Right Channel Selection Clock
The output samples precision is selectable from 16 to 24 bits/word, by setting the output precision with
PCMCONF (16, 18, 20 and 24 bits mode) register. Data can be output either with the most significant bit
first (MS) or least significant bit first LS), selected by writing into a flag of the PCMCONF register.
Figure 9 gives a description of the several STA015 PCM Output Formats. The sample rates set decoded
by STA015 is described in Table 1.
To enable the GPSO interface bit GEN of GPSO_ENABLE register must be set. Using the GPSO_CONF
register the protocol can be configured in order to provide outcoming data on rising/ falling edge of
GPSO_SCKR input clock; the GPSO_REQ request signal polarity (usually connected to an MCU interrupt
line) can be configured as well.
Figure 9. PCM Output Formats
Table 1. MPEG Sampling Rates (KHz)
MPEG 1
MPEG 2
MPEG 2.5
48
24
12
44.1
22.05
11.025
32
16
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com