Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015T Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA015T
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015T Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA015T Datasheet HTML 17Page - STMicroelectronics STA015T Datasheet HTML 18Page - STMicroelectronics STA015T Datasheet HTML 19Page - STMicroelectronics STA015T Datasheet HTML 20Page - STMicroelectronics STA015T Datasheet HTML 21Page - STMicroelectronics STA015T Datasheet HTML 22Page - STMicroelectronics STA015T Datasheet HTML 23Page - STMicroelectronics STA015T Datasheet HTML 24Page - STMicroelectronics STA015T Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
21/56
STA015
SOFT_RESET
Address: 0x10 (16)
Type: WO
Software Reset: 0x00
Hardware Reset: 0x00
X = don’t care; 0 = normal operation; 1 = reset
When this register is written, a soft reset occours. The STA015 core command register and the interrupt
register are cleared. The decoder goes in to idle mode.
PLAY
Address: 0x13 (19)
Type: R/W
Software Reset: 0x01
Hardware Reset: 0x01
X = don’t care; 0 = normal operation; 1 = play
The PLAY command is handled according to the state of the decoder, as described in section 2.5. PLAY
only becomes active when the decoder is in DECODE mode.
MUTE
Address: 0x14
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
X = don’t care; 0 = normal operation; 1 = mute The MUTE command is handled according to the state of
the decoder, as described in section 2.5. MUTE sets the clock running.
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
XXXX
XX
0
1
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
XXXX
XX
0
1
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
XXXX
XX
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com