Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015T Datasheet(PDF) 40 Page - STMicroelectronics

Part # STA015T
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015T Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STA015T Datasheet HTML 36Page - STMicroelectronics STA015T Datasheet HTML 37Page - STMicroelectronics STA015T Datasheet HTML 38Page - STMicroelectronics STA015T Datasheet HTML 39Page - STMicroelectronics STA015T Datasheet HTML 40Page - STMicroelectronics STA015T Datasheet HTML 41Page - STMicroelectronics STA015T Datasheet HTML 42Page - STMicroelectronics STA015T Datasheet HTML 43Page - STMicroelectronics STA015T Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STA015
40/56
Hardware Reset: 0x00
X = don’t care;
0 = no ancillary data
1 = Ancillary Data Available
The ISR is used by the microcontroller to understand when a new ancillary data block is available.
After all ancillary data has been retrieved this bit must be cleared.
ADPCM_CONFIG
Address: 0xB8 (184)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
This register controls ADPCM engine and how data must be compressed.
AFM_EN
ADPCM Frame Mode Enable
0 = no frames (raw format)
1 = select the framed output format for ADPCM encoded data
ASM_EN:
ADPCM Stereo Mode Enable
0 = Disable stereo mode
1 = Enable stereo mode
AA0,AA1:
ADPCM Algorithm selection The ADPCM encoding/decoding algorithm can be selected
according to the following table:
The above bitrates refers to an 8 KHz 16 bits mono input stream.
Please note that 32KHz stereo mode is only available (both in encoding and decoding) with DVI algorithm
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
XXXX
XX
0
1
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
X
X
X
AA1
AA0
ASM_EN
AFM_EN
AA1
AA0
0
0
DVI algorithm
0
1
G723-24 algorithm (24kbp/s)
1
0
G721 algorithm (32kbp/s)
1
1
G723-40 algorithm (40kbp/s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com