Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015T Datasheet(PDF) 43 Page - STMicroelectronics

Part # STA015T
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015T Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STA015T Datasheet HTML 39Page - STMicroelectronics STA015T Datasheet HTML 40Page - STMicroelectronics STA015T Datasheet HTML 41Page - STMicroelectronics STA015T Datasheet HTML 42Page - STMicroelectronics STA015T Datasheet HTML 43Page - STMicroelectronics STA015T Datasheet HTML 44Page - STMicroelectronics STA015T Datasheet HTML 45Page - STMicroelectronics STA015T Datasheet HTML 46Page - STMicroelectronics STA015T Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
43/56
STA015
ADPCM_FRAME_SIZE
Address: 0xBD (189)
Type: R/W
Software Reset: 0x13
Hardware Reset: 0x00
The ADPCM frame size may be adjusted to match a trade-off between the bitrate overhead and the frame
length. The frame size (in bytes) is calculated as follow:
FRAME size = (ADPCM_FRAME_SIZE * 90) +108
The frame starts with a 12 bytes header:
– 6 bytes for DVI algorithm
– 96 bytes for G726 pack algorithms
ADPCM_INT_CFG
Address: 0xBE (190)
Type: R/W
Software Reset: 0x0B
Hardware Reset: 0x00
Using this register the ADPCM interrupt capability can be properly configured. INTL0 - INTL6 Interrupt
Length he interrupt length can be programmed, using this bits, from 0 up to 128 system clock cycles
GPIO_CONF
Address: 0xBF (191)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
This register controls how data are strobed on the GPIO interface.
GISP: GPIO Strobe Polarity in INPUT mode
0 = data strobed an falling edge
1 = data strobed on rising edge
GOSP: GPIO Strobe Polarity in OUTPUT mode
0 = non inverted
1 = inverted
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
AFS7
AFS6
AFS5
AFS4
AFS3
AFS2
AFS1
AFS0
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
INTL6
INTL5
INTL4
INTL3
INTL2
INTL1
INTL0
X
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
XXXX
X
GOSP
GISP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com