Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015T Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA015T
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015T Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA015T Datasheet HTML 24Page - STMicroelectronics STA015T Datasheet HTML 25Page - STMicroelectronics STA015T Datasheet HTML 26Page - STMicroelectronics STA015T Datasheet HTML 27Page - STMicroelectronics STA015T Datasheet HTML 28Page - STMicroelectronics STA015T Datasheet HTML 29Page - STMicroelectronics STA015T Datasheet HTML 30Page - STMicroelectronics STA015T Datasheet HTML 31Page - STMicroelectronics STA015T Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STA015
28/56
DRB
Address: 0x49 (73)
Type: R/W
Software Reset: 0xFF
Hardware Reset: 0xFF
DRB register is used to re-direct the Right Channel on the Left, or to mix both the Channels. Default value
is 0x00, corresponding at the maximum attenuation in the re-direction channel.
CHIP_MODE
Address: 0x4D (77)
Type: R/W
Hardware Reset: 0x00
Using this register it’s possible to select which operation will be performed by the DSP.
Possible values are:
0x00 - MP3 decoding
0x01 - Reserved
0x02 - ADPCM Encoder
0x03 - ADPCM Decoder
0x04 - BYPASS mode
The DSP will check for the value of this register right after the RUN command has been issued (refer to
RUN register). After that no more checks will be performed: therefore a SOFT_RESET must be generated
in order to change the device mode.
CRCR
Address: 0x4E (78)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
The CRC register is used to enable/disable the CRC check. If CRC_EN bit is cleared, the CRC value en-
coded in the bitstream is checked against the hardware one. If a discrepance occurs, the current frame is
skipped and the decoder is muted. The ERROR_CODE register is affected with the value 0x01.
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description
DRB7
DRB6
DRB5
DRB4
DRB3
DRB2
DRB1
DRB0
OUTPUT ATTENUATION
0
0000
00
0
NO ATTENUATION
0
0000
00
1
-1dB
0
0000
01
0
-2dB
:
::::
::
:
:
0
1100
00
0
-96dB
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
XXXX
XX
CRCEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com