Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015T Datasheet(PDF) 34 Page - STMicroelectronics

Part # STA015T
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015T Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STA015T Datasheet HTML 30Page - STMicroelectronics STA015T Datasheet HTML 31Page - STMicroelectronics STA015T Datasheet HTML 32Page - STMicroelectronics STA015T Datasheet HTML 33Page - STMicroelectronics STA015T Datasheet HTML 34Page - STMicroelectronics STA015T Datasheet HTML 35Page - STMicroelectronics STA015T Datasheet HTML 36Page - STMicroelectronics STA015T Datasheet HTML 37Page - STMicroelectronics STA015T Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STA015
34/56
the default OCLK frequency is 12.288 MHz.
PLLFRAC_L ([7:0])
PLLFRAC_H ([15:8])
Address: 0x64 - 0x65 (100 - 101)
Type: R/W
Software Reset: 0x46 | 0x5B
Hardware Reset: 0xNA | 0x5B
The registers are considered logically concatenated and contain the fractional values for the PLL, used to
select the internal configuration. After Reset, the values are NA, and the operational setting are done when
the MPEG synchronisation is achieved.
The following formula describes the relationships among all the STA015 fractional PLL parameters:
where:
FRAC=256 x FRAC_H + FRAC_L (decimal)
These registers are a reference for 48 / 24 / 12 / 32 / 16 / 8KHz audio.
FRAME_CNT_L
FRAME_CNT_M
FRAME_CNT_H
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
PF7
PF6
PF5
PF4
PF3
PF2
PF1
PF0
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
PF15
PF14
PF13
PF12
PF11
PF10
PF9
PF8
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
FC7
FC6
FC5
FC4
FC3
FC2
FC1
FC0
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
FC15
FC14
FC13
FC12
FC11
FC10
FC9
FC8
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
FC23
FC22
FC21
FC20
FC19
FC18
FC17
FC16
OCLK_Freq
1
X1
+
-------------
MCLK_Freq
N1
+
------------------------------------
M1
FRAC
65536
-----------------
++
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com