Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015T Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA015T
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015T Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA015T Datasheet HTML 11Page - STMicroelectronics STA015T Datasheet HTML 12Page - STMicroelectronics STA015T Datasheet HTML 13Page - STMicroelectronics STA015T Datasheet HTML 14Page - STMicroelectronics STA015T Datasheet HTML 15Page - STMicroelectronics STA015T Datasheet HTML 16Page - STMicroelectronics STA015T Datasheet HTML 17Page - STMicroelectronics STA015T Datasheet HTML 18Page - STMicroelectronics STA015T Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
15/56
STA015
5.1.4 Data input
During the data input the STA015 samples the SDA signal on the rising edge of the clock SCL. For correct
device operation the SDA signal has to be stable during the rising edge of the clock and the data can
change only when the SCL line is low.
5.2 DEVICE ADDRESSING
To start communication between the master and the STA015, the master must initiate with a start condi-
tion. Following this, the master sends onto the SDA line 8 bits (MSB first) corresponding to the device se-
lect address and read or write mode. The 7 most significant bits are the device address identifier,
corresponding to the I2C bus definition. For the STA015 these are fixed as 1000011.
The 8th bit (LSB) is the read or write operation RW, this bit is set to 1 in read mode and 0 for write mode.
After a START condition the STA015 identifies on the bus the device address and, if a match is found, it
acknowledges the identification on SDA bus during the 9th bit time. The following byte after the device
identification byte is the internal space address.
5.3 WRITE OPERATION (see fig. 16)
Following a START condition the master sends a device select code with the RW bit set to 0. The STA015
acknowledges this and waits for the byte of internal address.
After receiving the internal bytes address the STA015 again responds with an acknowledge.
5.3.1 Byte write
In the byte write mode the master sends one data byte, this is acknowledged by STA015. The master then
terminates the transfer by generating a STOP condition.
5.3.2 Multibyte write
The multibyte write mode can start from any internal address. The transfer is terminated by the master
generating a STOP condition.
Figure 16. Write Mode Sequence
Figure 17. Read Mode Sequence
DEV-ADDR
ACK
START
D98AU825B
RW
SUB-ADDR
ACK
DATA IN
ACK
STOP
BYTE
WRITE
DEV-ADDR
ACK
START
RW
SUB-ADDR
ACK
DATA IN
ACK
STOP
MULTIBYTE
WRITE
DATA IN
ACK
DEV-ADDR
ACK
START
D98AU826A
RW
DATA
NO ACK
STOP
CURRENT
ADDRESS
READ
DEV-ADDR
ACK
START
RW
SUB-ADDR
ACK
DEV-ADDR
ACK
STOP
RANDOM
ADDRESS
READ
DATA
NO ACK
START
RW
DEV-ADDR
ACK
START
DATA
ACK
DATA
ACK
STOP
SEQUENTIAL
CURRENT
READ
DATA
NO ACK
DEV-ADDR
ACK
START
RW
SUB-ADDR
ACK
DEV-ADDR
ACK
SEQUENTIAL
RANDOM
READ
DATA
ACK
START
RW
DATA
ACK
NO ACK
STOP
DATA
RW=
HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com