Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015T Datasheet(PDF) 44 Page - STMicroelectronics

Part # STA015T
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015T Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STA015T Datasheet HTML 40Page - STMicroelectronics STA015T Datasheet HTML 41Page - STMicroelectronics STA015T Datasheet HTML 42Page - STMicroelectronics STA015T Datasheet HTML 43Page - STMicroelectronics STA015T Datasheet HTML 44Page - STMicroelectronics STA015T Datasheet HTML 45Page - STMicroelectronics STA015T Datasheet HTML 46Page - STMicroelectronics STA015T Datasheet HTML 47Page - STMicroelectronics STA015T Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STA015
44/56
ADC_WLEN
Address: 0xC0 (192)
Type: R/W
Software Reset: 0x0F
Hardware Reset: 0x0F
To select ADC word length AWL4 through AWL0 bits can be used.
This 5 bit value must contain the size of the significant data bits minus one.
ADC_WPOS
Address: 0xC1 (193)
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
These bits specify the position of the sample word referred to the LRCK slot boundary.
Bit AWP0 thru AWP4 must be programmed with the number of bits to ignore after the sample word.
ADPCM_SKIP_FRAME
Address: 0xC2 (194)
Type: R/W
Software Reset:0x00
Hardware Reset: 0x00
This register is useful when decoding ADPCM frame-based streams in order to skip the specified number
of frames.
The content of the register will automatically be decremented on each new frame and the skip process will
continue until the content reaches zero.
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
X
X
AWL4
AWL3
AWL2
AWL1
AWL0
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
X
X
AWP4
AWP3
AWP2
AWP1
AWP0
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
ASF7
ASF6
ASF5
ASF4
ASF3
ASF2
ASF1
ASF0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com