Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015T Datasheet(PDF) 36 Page - STMicroelectronics

Part # STA015T
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015T Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STA015T Datasheet HTML 32Page - STMicroelectronics STA015T Datasheet HTML 33Page - STMicroelectronics STA015T Datasheet HTML 34Page - STMicroelectronics STA015T Datasheet HTML 35Page - STMicroelectronics STA015T Datasheet HTML 36Page - STMicroelectronics STA015T Datasheet HTML 37Page - STMicroelectronics STA015T Datasheet HTML 38Page - STMicroelectronics STA015T Datasheet HTML 39Page - STMicroelectronics STA015T Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STA015
36/56
TREBLE_FREQUENCY_LOW
Address: 0x77 (119)
Type: RW
Software Reset: 0x00
Hardware Reset: 0x00
TREBLE_FREQUENCY_HIGH
Address: 0x78
Type: RW
Software Reset: 0x00
Hardware Reset: 0x00
The registers TREBLE_FREQUENCY-HIGH and TREBLE_FREQUENCY-LOW, logically concatenated
as a 16 bit wide register, are used to select the frequency, in Hz, where the selected frequency is +12dB
respect to the stop band. By setting these registers, the following rule must be kept:
Treble_Freq < Fs/2
BASS_FREQUENCY_LOW
Address: 0x79 (121)
Software Reset: 0x00
Hardware Reset: 0x00
BASS_FREQUENCY_HIGH
Address: 0x7A (122)
Software Reset: 0x00
Hardware Reset: 0x00
The registers BASS_FREQUENCY_HIGH and BASS_FREQUENCY_LOW, logically concatenated as a
16 bit wide register, are used to select the frequency, in Hz, where the selected frequency is -12dB respect
to the pass-band. By setting the BASS_FREQUENCY registers, the following rules must be kept:
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
TF7
TF6
TF5
TF4
TF3
TF2
TF1
TF0
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
TF15
TF14
TF13
TF12
TF11
TF10
TF9
TF8
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
BF7
BF6
BF5
BF4
BF3
BF2
BF1
BF0
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
BF15
BF14
BF13
BF12
BF11
BF10
BF9
BF8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com