Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CAD Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC44BS373CAD
Description  CMOS Audio/Video RF Modulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CAD Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC44BS373CAD Datasheet HTML 1Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 2Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 3Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Digital Home
Freescale Semiconductor
3
MC44CC373
FUNCTIONAL OVERVIEW
Figure 2 shows a simplified block diagram of the
MC44CC373CA and MC44CC374CA modulators.
There are three main sections:
1.
A high speed I2C-compatible bus section for control and
programming.
2.
A PLL section to synthesize the UHF output channel
frequency.
3.
A modulator section, which accepts audio and video
inputs and modulates the RF carrier
An on-chip simple video test pattern generator with an au-
dio test signal is included, but is not shown in the block dia-
gram.
The MC44CC373/4CA operates as a multi-standard mod-
ulator and can handle the following systems using the same
external circuit components: B/G, I, D/K, L, M/N.
The different orderable part numbers provide: a choice in
the pre-programmed power-up default channel frequency,
the output power level and a pre-programmed secondary I2C
address.
Figure 2. MC44CC373/374 Simplified Block Diagram
3
12
11
8
7
5
6
9
14
16
1
2
4
10
13
15
Clamp
Sound
PFD
Program
Divider
Audio
Amplifier
L/BG
LPF
ALC
Peak
White Clip
FM
L/BG
AM
31.25/62.5
kHz
31.25 kHz
AM Modulator
UHF OSC
(2 x Fo)
Prescaler
÷8
Ref Divider
÷
128
VHF Dividers
Program
Divider
÷N11:N0
Phase
Comp.
Sound
Oscillator
and FM
Modulator
High Speed
I2C Bus
Receiver
GND
MODULATOR
SECTION
VCO and PLL SECTION
BUS SECTION
AUXIN
VCC
AUDIOIN
PREEM
VIDEOIN
SPLLFLT
VCC
RFOUT
LOP
SCL
SDA
GND
PLLFLT
XTAL
(4 MHz)
NO
CONNECT
XO Prescaler
÷1, 2 or 4
÷2
RF Sound
Modulator
Video
Modulator
XCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com