Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CAD Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MC44BS373CAD
Description  CMOS Audio/Video RF Modulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CAD Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MC44BS373CAD Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 12Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 13Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 14Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 15Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Digital Home
12
Freescale Semiconductor
MC44CC373
I2C PROGRAMMING SUMMARY TABLES
Sound
Video
UHF
When UHF oscillator is disabled, do not program the
frequency register N; also writing to Option Control Registers
1 and 2 is not allowed.
Sound PLL
Standby Mode
Do not program the frequency register N value and Optional Control
Registers during standby mode.
Logic Output Port
SFD1
SFD0
Sound Subcarrier Freq (MHz)
00
4.5
01
5.5
10
6.0
11
6.5
PS
Picture-to-Sound Ratio (dB)
012
116
SO
Sound Oscillator
0
Sound oscillator ON (Normal mode)
1
Sound oscillation disabled (oscillator and PLL section
bias turned OFF)
AUX
Auxiliary Audio Input
0
AUX input disabled (normal mode)
1
AUX input enabled
SYSL
System L/BG Selection
SYSL only applies to MC44CC373/374xxxx
0
System B/G enabled, System L disabled (FM sound and
negative video modulation)
1
System L enabled, System B/G disabled (AM sound and
positive video modulation)
PWC
Peak White Clip
0
Peak White Clip ON (System B/G)
1
Peak White Clip OFF (System L)
PW1
PW0
Peak White Clip Level
00
0
1
1.0 Volt - Default
10
11
TPEN
Test Pattern Signal
0
Test pattern signal OFF (normal operation)
1
Test pattern signal ON (picture and sound)
OSC
UHF Oscillator
MC44CC373/
374CAxxx
MC44CC374T1Axx
0
Normal operation.
UHF oscillator disabled.
1
UHF oscillator disabled.
Normal operation.
ATT
Modulator Output Attenuation
0
Normal operation
1
Modulator output attenuation (sound and video
modulators sections bias turned OFF.
SREF
Description
0
Sound Reference frequency = 31.25 kHz
1
Sound Reference frequency = 62.5 kHz
OSC
SO
ATT
Combination of 3-bits
1
1
1
Modulator standby mode
(MC44CC373/374CAxx)
0
1
1
Modulator standby mode
(MC44CC374T1Axx)
LOP
Description
0
Pin 3 is low voltage
1
Pin 3 is high impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com