Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CAD Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC44BS373CAD
Description  CMOS Audio/Video RF Modulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CAD Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC44BS373CAD Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 12Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Digital Home
Freescale Semiconductor
9
MC44CC373
HIGH SPEED I2C CONTROL INTERFACE OPERATION
The modulator chip’s digital control interface is compatible
with the I2C bus standard. The two pins used for the I2C bus
are the clock (SCL) and data (SDA). The data pin is bidirec-
tional.
The I2C interface lines are 5 Volt tolerant. Therefore, they
can be pulled up to 5 Volts, if required, to interface with the
microprocessor in a given application.
NOTE:
If the MC44CC373/4 modulator is powered down, it
will load the I2C bus by means of leakage current
passing through the stacked ESD protection diodes
on the SCL and SDA pins.
The input control data stream is clocked in on the rising
edge of SCL, with the most significant bit, MSB, first. The sev-
en-bit IC Address and R/W bit are in the first byte sent. This
allows the IC to determine if it is the device that is being com-
municated with. After that, an even number of control data
bytes, 8-bits each, sent to configure the IC. The data stored
in the input control register is loaded into the appropriate de-
vice registers during the acknowledge, ACK, bit time.
The Master controls the clock line, whether writing to the
part or reading from it. After each byte that is sent, the device
that receives it, sends an acknowledge bit back to the master.
After the last data byte and ACK, the master sends a Stop
Condition to terminate the write cycle.
Status data can be read back from the modulator chip. The
output status data is clocked out on the falling edge of SCL
and is valid on the rising edge, with the MSB first.
IC Device Address
Since the I2C bus is a two-wire bus that does not have a
separate chip-select line, each IC on the bus has a unique
address. This address must be sent each time an IC is com-
municated with. The address is the first seven bits that are
sent to the IC as shown in Table 9. The eighth bit sent is the
R/W bit, it determines whether the master will read from or
write to the IC.
Address bit A1 selects one of two possible addresses. The
chip address is defined by the orderable part number as listed
in Table 10. The RW bit determines if the master is requesting
a read or write. RW = 0 = write and RW = 1 = read.
I2C Write Mode Format
In the write mode, each ninth data bit is an acknowledge
bit (ACK) as shown in Figure 5. During this time, the Master
lets go of the bus, the external pull-up resistor pulls the signal
high and sends a logic 1 and the Modulator circuit (slave) an-
swers on the data line by pulling it low.
Besides the first byte with the chip address, the circuit
needs two or more data bytes for operation.
The programming of the MC44CC37xxxxx devices is sim-
ilar to the legacy devices. That is, they may be programmed
with either two or four data bytes, after the chip address.
Table 11 shows the permitted data bytes, and the order in
which they can be sent, to program the MC44CC373/374 de-
vices. Examples 1 and 2 are the same as the legacy modula-
tors.
The control data bytes all contain an address function bit
(the MSB) which lets the IC distinguish between the frequen-
cy information and control information. If the address function
bit is a logic 1, the following bytes contain control information.
The frequency information has the address function bit that is
set to a logic 0. This allows the frequency or the control infor-
mation to be sent first as shown inn Examples 3,and 4.
The MC44BS373/4 legacy family of RF modulators re-
quired only two words of data (four bytes) for full configura-
tion. The new CMOS devices have two additional (optional)
control words that can be used to access some new features.
These features include changing the output power, using a
different frequency crystal, and adjusting the peak white clip
levels. These new Option Control words do not need to be
sent unless access to these new features is desired. The de-
fault values for these functions will allow the device to work
the same way as the MC44BS373/4 devices did.
Example 5 shows how the new Option Control words are
to be sent. OC1 follows the Control word and OC2 follows
OC1.
Example 6 shows the Frequency word being sent first fol-
lowed by the Control bytes.
Table 9. IC Address Byte Format
7
6
5
4
3
2
1
0
IC Address
Read/
Write
A6
A5
A4
A3
A2
A1
A0
R/W
1
1
0
0
1
X
1
X
Table 10. Chip Address by Orderable Part Number
Orderable Part Number
IC Address Byte
A1
RW
Mode
Binary
Hex
MC44CC373CA, MC44CC374CA,
MC44CC374T1A
0
0
Write
1100_1010
0xCA
0
1
Read
1100_1011
0xCB
MC44CC373CAS
1
0
Write
1100_1110
0xCE
1
1
Read
1100_1111
0xCF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com