Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CAD Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC44BS373CAD
Description  CMOS Audio/Video RF Modulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CAD Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC44BS373CAD Datasheet HTML 3Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Digital Home
Freescale Semiconductor
7
MC44CC373
PERFORMANCE CHARACTERISTICS
Unless otherwise stated, all performance characteristics
are for:
Power Supply, VCC = 3.3 V
Ambient Temperature, TA = 25oC
Video Input 1.0 V(pp) 10-step grayscale.
RF inputs/outputs into 75
Ω load.
NOTE:
Specifications only valid for envelope demodulation.
The parameters listed are based on the type of test condi-
tions found in the column Type.
A = 100% tested
B = 100% Correlation tested
C = Characterized on samples
D = Design parameter
See "Characterization Measurement Conditions" on
page 18 for each C type parameter.
Table 6. High Frequency Characteristics
Parameter
Test Conditions(1)
1. See Performance Measurement Test Set-ups, Table 9.
Device
Min
Typ
Max
Unit
Type
RFOUT output level(2)
2. Refer to application note to obtain 82 dB
μV or other RF levels and to reduce picture carrier harmonics.
Output signal from modulator
section
MC44CC373CA
MC44CC374CA
MC44CC374T1A
83
89
93
dB
μV
B
UHF oscillator frequency
460
880
MHz
A
VHF range
UHF oscillator internally
divided
45
460
MHz
B
RFOUT output attenuation
During transient output inhibit,
or when ATT bit is set to 1.
50
60
dBc
B
Sound subcarrier harmonics (Fp
+n∗Fs) Reference picture carrier.
−63
−40
dBc
C
Second harmonic of chroma subcarrier Using red EBU bar.
−54
dBc
C
Chroma/Sound intermodulation:
Fp
+ (Fsnd − Fchr)
Using red EBU bar.
−65
dBc
C
Out-of-band (UHF picture carrier)
spurious (Fo = 460 - 880MHz)
1/4
∗Fo, 1/2∗Fo,
3/4
∗Fo, 3/2∗Fo
Output measured from
40 MHz to 1 GHz.
12
30
dB
μV
C
Fo (picture carrier) harmonics(2)(3)
3. Picture carrier harmonics are highly dependent on PCB layout and decoupling capacitors.
2nd harmonic
3rd harmonic
66
69
74
78
dB
μV
C
In band spurious (Fo @5MHz)
No video/sound modulation.
−65
dBc
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com