Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CAD Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC44BS373CAD
Description  CMOS Audio/Video RF Modulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CAD Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC44BS373CAD Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 12Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 13Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 14Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Digital Home
Freescale Semiconductor
11
MC44CC373
I2C BIT MAPPING SUMMARY
WRITE MODE
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ACK
CA-CHIP ADDRESS
11001
see
Table 9
10
ACK
FM-High Order Bits
0
TPEN
N11
N10
N9
N8
N7
N6
ACK
FL-Low Order Bits
N5
N4
N3
N2
N1
N0
X1
X0
ACK
C1-High Order Bits
1
AUX
SO
LOP
PS
X3
X2
SYSL
ACK
C0-Low Order Bits
PWC
OSC
ATT
SFD1
SFD0
SREF
X5
X4
ACK
OC1M-High Order Bits
10000
000
ACK
OC1L-Low Order Bits
00000
000
ACK
OC2M-High Order Bits
10000
000
ACK
OC2L-Low Order Bits
00000
0
PW1
PW0
ACK
READ MODE
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ACK
CHIP ADDRESS
11001
see
Table 9
11
ACK
R-Status Byte
—————
Y2
Y1
OOR
Bit Name
Description
AUX
Auxiliary sound input enable/disable.
ATT
Modulator output attenuated-sound and video modulators ON/OFF
LOP
Logic Output Port
N0…N11
UHF frequency programming bits, in steps of 250 kHz
OSC
UHF oscillator ON/OFF
OOR
RF oscillator out-of-frequency range information
PS
Picture-to-sound carrier ratio
PWC
Peak White Clip enable/disable
SFD0, 1
Sound subcarrier frequency control bits
PW0, PW1
Peak White Clip Level. (see Table 20)
SO
Sound Oscillator ON/OFF
SREF
Sound PLL Reference frequency
SYSL
System L enable-selects AM sound and positive video modulation. (MC44CC373/374xxxx only)
TPEN
Test pattern enable-picture and sound
X5…X0
Test mode bits-All bits are 0 for normal operation. (see Table 18)
Y1, Y2
RF oscillator operating range information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com