Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CAD Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC44BS373CAD
Description  CMOS Audio/Video RF Modulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CAD Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC44BS373CAD Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Digital Home
8
Freescale Semiconductor
MC44CC373
Table 7. Video Performance Characteristics
Parameter
Test Conditions(1)
1. See Performance Measurement Test Set-ups, Table 22.
Min
Typ
Max
Unit
Type
Video bandwidth
Reference 0 dB at 100 kHz, measured at 5 MHz.
−0.5
0.1
0.5
dB
C
Video input level
75
Ω load
1.0
1.5
VCVBS
D
Video input current
8
10
12
μA
A
Video input impedance
75
92
110
K
Ω
A
Peak White Clip
Video Modulation depth for video=1.4 VCVBS at
default (01) PWC level
90.5
94
97.5
%
B
Video S/N
No sound modulation,100% white video.
Using CCIR Rec.567 weighting filter.
53
55
dB
C
Differential Phase
+5
−5
deg
C
Differential Gain
PWC bit set to 0. CCIR Test Line 310, worst of first
4 out of 5 steps.
−5
5
%
C
Luma/Sync ratio
Input ratio 7.0:3.0
6.8/3.2
7.2/2.8
B
PAL video modulation depth
(SYSL = 0)
1.0 Volt Peak-to-Peak input.
75
83
88
%
B
SECAM video modulation depth
(SYSL = 1)
Gain set to default
90
96
99
%
B
Table 8. Audio Performance Characteristics
Parameter
Test Conditions(1)
1. See Performance Measurement Test Set-ups, Table 22.
Min
Typ
Max
Unit
Type
Picture-to-Sound ratio
PS bit 0 setting
9
19
dB
A
Audio modulation index
Using specific pre-emphasis circuit,
audio input level=200 mVrms-audio frequency=1 kHz
AM modulation: SECAM Fs=6.5MHz
76
80
86
%
A
FM modulation: Fs=5.5, 6 or 6.5MHz
100% modulation=
±50 kHz FM deviation
95
100
104
%
A
FM modulation: NTSC Fs=4.5MHz
100% modulation=
±25 kHz FM deviation
95
100
104
%
A
Audio input impedance
60
71
80
K
Ω
A
Audio Frequency response
Reference 0dB at 1 kHz,
using specified pre-emphasis circuit,
measure from 50 Hz to 15 kHz
−2.5
+2.0
dB
C
Audio Frequency response
No pre-emphasis. Measure from 50 Hz to 50 kHz
±0.5
+2.0
dB
C
Audio Distortion FM (THD only)
At 1 kHz, 100% modulation (
±50 kHz).
Pre-emphasis. No video.
0.5
1
%
C
Audio Distortion AM (THD only)
At 1 kHz, 100% modulation
Pre-emphasis. No video
1.5
2.5
%
C
Audio S/N with Sync Buzz FM
Ref 1 kHz, 50% modulation (
±25 kHz)
EBU color bars Video signal,
using CCIR 468.2 weighting filter. Pre-emphasis.
50
54
dB
C
Audio S/N with Sync Buzz AM
Reference 1 kHz, 85% modulation
Video input EBU color bar 75%
Audio BW 40 Hz - 15 kHz
Weighting filter CCIR 468-2. Pre-emphasis.
45
50
dB
C
Total Harmonic Distortion (THD)
No Pre-emphasis
0.1
%
C
Signal-to-Noise Ratio (SNR)
No Pre-emphasis. 50 Hz to 50 kHz BW
58
dB
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com