Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CAD Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC44BS373CAD
Description  CMOS Audio/Video RF Modulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CAD Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC44BS373CAD Datasheet HTML 1Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 2Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 3Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Document Number: MC44CC373
Rev 3.2, 04/2009
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2008, 2009. All rights reserved.
This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
ORDERING INFORMATION
Orderable Part Number(1)
1. All orderable parts are in a 16-pin SOIC, with temperature range of 0°C to +70°C ambient. For tape and reel, add the R2 suffix.
Replaces Part
Number
Default
Frequency
(MHz)
RFOUT(2)
(dB
μV)
2. Refer to application note to obtain 82 dB
μV or other RF levels.
I2C
Write
Address
PAL or
NTSC
Capability
SECAM
(system L)
Capability
AUXIN
MC44CC373CAEF, R2
MC44BS373CAD
591.25
89
0xCA
Yes
Yes
Yes
MC44BS373CAEF
MC44BS373CAFC
MC44CC373CASEF, R2
MC44BS373CAFC
591.25
89
0xCE
Yes
Yes
Yes
MC44CC374CAEF, R2
MC44BS374CAD
591.25
89
0xCA
Yes
No
Yes
MC44BS374CAEF
MC44CC374T1AEF, R2
MC44BS374T1D
871.25
89
0xCA
Yes
No
Yes
MC44BS374T1EF
MC44BS374T1AD
871.25
89
0xCA
Yes
No
Yes
MC44BS374T1AEF
CMOS Audio/Video RF Modulators
The MC44CC373 / MC44CC374 CMOS family of RF modulators is the latest
generation of the legacy MC44BS373/4 family of devices.
The MC44CC373/MC44CC374 RF modulators are designed for use in VCRs,
set-top boxes, and similar devices.They support multiple standards, and can be
programmed to support PAL, SECAM, or NTSC formats.
The devices are programmed by a high-speed I2C Bus.
A programmable, internal PLL, with on-chip LC tank covers the full UHF range.
The modulators incorporate a programmable, on-chip, sound subcarrier oscil-
lator that covers all broadcast standards. No external tank circuit components
are required, reducing PCB complexity and the need for external adjustments.
The PLL obtains its reference from a low cost 4 MHz crystal oscillator.
The devices are available in a 16-pin SOIC, Pb-free package. These parts are
functionally equivalent to the MC44BS373/4 series, but are not direct drop-in re-
placements.
All devices now include the AUXIN found previously only on the 20-pin pack-
age option of the MC44BS373. This is a direct input for a modulated subcarrier
and is useful in BTSC or NICAM stereo sound or other subcarrier applications.
The MC44CC373CASEF has a secondary I2C address for applications using
two modulators on one I2C Bus.
MC44CC373CA
MC44CC373CAS
MC44CC374CA
MC44CC374T1A
CMOS AUDIO/VIDEO
RF MODULATORS
EF SUFFIX
SOIC-16 PACKAGE
CASE 751B-05
Features
Multi-TV standard support: NTSC, PAL, SECAM (B/G,
I, D/K, L, M/N).
UHF operation (460MHz to 880MHz)
Programmable UHF oscillator and sound subcarrier
oscillator.
On-chip tank circuits. No external varicaps inductors or
tuned components required.
Program control via 800 kHz high-speed I2C-bus.
Programmable Sound reference frequency (31.25 kHz
or 62.5 kHz)
Direct sound modulator input (FM and AM).
Auxiliary input bypasses AM/FM modulators for
NICAM or BTSC applications.
Video modulation depth (96% typ. in system L and
85% typ. in the other standards)
Programmable Peak White Clip levels
On-chip video test pattern generator with sound test
signal (1 kHz)
Low-power standby mode
Output inhibit during PLL Lock-up at power-ON
Logical output port controlled by I2C-bus


Similar Part No. - MC44BS373CAD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44BS373CAD MOTOROLA-MC44BS373CAD Datasheet
637Kb / 52P
PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Freescale Semiconductor...
MC44BS373CADR2 FREESCALE-MC44BS373CADR2 Datasheet
880Kb / 52P
PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
More results

Similar Description - MC44BS373CAD

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7053 SANYO-LA7053 Datasheet
66Kb / 3P
Video, Audio Signal Processor for UHF Band RF Modulators
logo
Analog Devices
AD7724 AD-AD7724 Datasheet
552Kb / 14P
Dual CMOS Modulators
REV.A
logo
Maxim Integrated Produc...
MAX310 MAXIM-MAX310 Datasheet
252Kb / 7P
CMOS RF/Video Multiplexers
logo
List of Unclassifed Man...
AWM620RX-INV ETC1-AWM620RX-INV Datasheet
341Kb / 4P
2.4GHz Video/Audio RF Module
AWM680RX ETC2-AWM680RX Datasheet
76Kb / 6P
5.8GHz Video/Audio RF Module
AWM630TX ETC2-AWM630TX Datasheet
257Kb / 10P
2.4GHz Video/Audio RF Module
AWM680TX ETC2-AWM680TX Datasheet
210Kb / 6P
5.8GHz Video/Audio RF Module
logo
Analog Devices
AD7724AST-REEL AD-AD7724AST-REEL Datasheet
272Kb / 16P
Dual CMOS - Modulators
REV. B
AD7724 AD-AD7724_15 Datasheet
293Kb / 16P
Dual CMOS Modulators
REV. B
AD7724 AD-AD7724_17 Datasheet
320Kb / 17P
Dual CMOS Modulators
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com