Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CAD Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MC44BS373CAD
Description  CMOS Audio/Video RF Modulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CAD Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MC44BS373CAD Datasheet HTML 16Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 17Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 18Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 19Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 20Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 21Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 22Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 23Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Digital Home
20
Freescale Semiconductor
MC44CC373
In Band Spurious
No Video signal
No Audio signal
Measure in dBc, in reference to picture carrier (RFout_Ref), spurious levels
falling into video bandwidth starting from
±100 kHz from the picture carrier up
to
±5MHz.
Video Bandwidth
No audio
Video: 600m V(PP) sinusoidal signal inserted
on the black level of active video area.
The Video signal is demodulated on the spectrum analyzer, and the peak level
of the 100 kHz signal is measured as a reference. The frequency is then swept
from 100 kHz to 5 MHz, and then the difference in dB from the 100 kHz
reference level is measured.
Weighted Video Signal to Noise
Video: 100% White video signal - 1 V(PP).
No Audio signal
This is measured using a Demodulator in B/G
(using a CCIR Rec. 567 weighting network,
100 kHz to 5 MHz band with sound trap and
envelope detection, and a Video Analyzer.
The Video Analyzer measures the ratio between the amplitude of the active
area of the video signal (700mV) and the noise level in Vrms on a video black
level which is show below.
Video S/N is calculated as 20 x log(700 /N) in dB.
Unweighted Video Signal to Noise
Same as above with CCIR filter disabled.
Same as above.
Video Differential Phase
Video: 5 step Grey Scale- 1 V(PP).
No Audio signal
This is measured using a Demodulator in B/G
(using a CCIR Rec. 567 weighting network,
100 kHz to 5 MHz band with sound trap, and
envelope detection, and a Analyzer.
On line CCIR 330, the video analyzer DP measure consists of calculating the
difference of the Chroma phase at the black level and the different chroma
subcarrier phase angles at each step of the greyscale. The largest positive or
negative difference indicates the distortion.
The video analyzer method takes the worst step from the first 4 steps.
Table 22. Performance Measurement Test Set-ups (continued)
Device and Signals Set-up
Measurement Set-up
N
noise level in Vrms
DIFF PHASE =
* 100%
the phase at position 0
the largest positive or negative difference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com