Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CAD Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MC44BS373CAD
Description  CMOS Audio/Video RF Modulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CAD Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MC44BS373CAD Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 12Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 13Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 14Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 15Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 16Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 17Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 18Page - Freescale Semiconductor, Inc MC44BS373CAD Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Digital Home
Freescale Semiconductor
15
MC44CC373
FREQUENCY REGISTER FORMAT
The format for the frequency register is shown in Figure 7.
The descriptions for the High-order and Low-order bits
(bytes) are listed in Table 15 and Table 16 respectively.
Figure 7. Frequency Register Format
The N Counter bits determine what UHF frequency is
used. N11:N0 is the binary number of 250 kHz steps in the
desired RFOUT frequency F. With:
NOTE:
Programming a division-ratio N = 0 is not allowed.
At power up the modulator will assume a default value for
the N Counter. The default is determined at time of manufac-
ture and is listed in Table 17 by the orderable part number.
MSB
LSB
R15
R14
R13
R12
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
0
0
See Table 17 for the default (reset) value.
0
0
Reset
State
0
TPEN
N11
N10
N9
N8
N7
N6
N5
N4
N3
N2
N1
N0
X1
X0
Adr
Test
Ptrn
N Counter
TEST MODE
Table 15. Frequency Register (High-order) Bit Descrip-
tion
Bit Name
Description
15
Adr
Address Function bit. Must be set to a logic 0.
14
TPEN
Test Pattern Enable.
0
Test pattern signal off (normal operation).
1
Test pattern signal on (picture and sound).
13
N11
N Counter program bits, N11:N6.
12
N10
11
N9
10
N8
9
N7
8
N6
Table 16. Frequency Register (Low-order) Bit Descrip-
tion
Bit Name
Description
7
N5
N Counter program bits, N5:N0.
6
N4
5
N3
4
N2
3
N1
2
N0
1
X5
Test Mode bits, must be set to logic 0 for normal
operation. May be used for VHF divider.
0
X4
N
2048 N11
×
1024 N10
×…… 4 N2
×
2 N1
×
N0
+
+
+++
=
Table 17. Power-On Default Values for N Counter by Orderable Part Number
Orderable Part Number
Frequency
N Counter Value
Decimal
Hex
Binary
MC44CC373CAEF, MC44CC373CASEF,
MC44CC374CAEF
591.25
2365
0x93D
1001 0011 1101
MC44CC374T1AEF
871.25
3485
0xD9D
1101 1001 1101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com