Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403LF Datasheet(PDF) 104 Page - List of Unclassifed Manufacturers

Part # FS403LF
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403LF Datasheet(HTML) 104 Page - List of Unclassifed Manufacturers

Back Button FS403LF Datasheet HTML 96Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 97Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 98Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 99Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 100Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 101Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 102Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 103Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 104Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 104 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
104
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
10. Ordering Information
Order Number
Temperature Range
Screening
Package
Package Marking
444-2121LF
0°C to 70°C
Commercial
100 Lead PQFP
FS401LF
444-2123LF
0°C to 70°C
Commercial
128 Lead PQFP
FS403LF
444-2121LF and 444-2123LF are RoHS compliant.
Additionally, a FS400 Hardware Development Kit is available for purchase, Order # 444-2020.
10.1 Package Markings:
FOCUS
Enhancements
FS40XLF
<Date Code (YYWWLA) and Revision Letter>
<fab lot id>
where X = 1 or 3.
Please forward suggestions and corrections as soon as possible to info@focusinfo.com. The
information herein is accurate to the best of FOCUS’ knowledge, but not all specifications have
been characterized or tested at the time of the release of this document. Parameters will be
updated as soon as possible and updates made available.
For further information on the FS400 family of scan converters, contact your Focus representative and
request reference schematics, application notes, and source code (as appropriate).
All parameters contained in this specification are guaranteed by design, characterization, sample testing or 100%
testing as appropriate. Focus Enhancements reserves the right to change products and specifications without notice.
This information does not convey any license under patent rights of Focus Enhancements, Inc. or others.
Critical Applications Policy
Focus Enhancements components are not designed for use in Critical Applications. Critical Applications are products
whose use may involve risks of death, personal injury, severe property damage or environmental damage or life
support applications, devices, or systems, wherein a failure or malfunction of the component can reasonably be
expected to result in death or personal injury. The user of Focus Enhancements components in Critical Applications
assumes all risk of such use and indemnifies Focus Enhancements against all damages.
Focus enhancements – Semiconductor Group
22867 NW Bennett St., Suite #200
Hillsboro, OR 97124 U.S.A.
Fax: (503) 615-4232
Phone: (503) 615-7700
Website: www.FOCUSsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com