Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403LF Datasheet(PDF) 100 Page - List of Unclassifed Manufacturers

Part # FS403LF
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403LF Datasheet(HTML) 100 Page - List of Unclassifed Manufacturers

Back Button FS403LF Datasheet HTML 96Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 97Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 98Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 99Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 100Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 101Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 102Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 103Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 104Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 100 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
100
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
For applications with more than one supply, combinations of the above two circuits can be used.
However, the simplest approach to this problem is to limit the loading on the SIO bus when possible.
When this is not possible, some of the SIO passive loads can be replaced with active ones. This will
increase the SIO access speed without increasing the SIO output low drive current.
In lightly loaded SIO busses (where VOL is easily reached), a single MOSFET can be used for translation
on the SIO SDA line (Since the FS400’s input for SCL is 5 Volt tolerant, no additional parts are required
on that input). Pull-ups on both supply sides assure that the output on each device can reach its
corresponding upper limit. The pass gate (Q1) provides a low impedance connection during the low
switching voltage.
5 Volt Device
OC Output
+5V
FS400
OC Output
+3.3V
Q1
R1
10K
R2
10K
Figure 27. SIO (Open Collector) Translation using a MOSFET
Q1 = BSS138
Q1 also provides isolation when the 3.3 Volt power to the FS400 is removed. The pass gate (Q1) gate to
source voltage is negative and the bulk diode is off. This effectively removes the FS400’s Serial Data line
from the SIO bus system and allows the higher voltage SIO section to operate normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com