Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403LF Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # FS403LF
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403LF Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button FS403LF Datasheet HTML 18Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 19Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 20Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 21Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 22Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 23Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 24Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 25Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
22
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
In the HCRS register:
LNTCH
Luminance Notch Filter
CBP
Chroma Bandpass Filter
PEDSTL
US NTSC Black Pedestal
In the HCRES register:
RGBGAIN
1x or 1.43x RGB Input Gain
FREEZE
Freeze the Input Image
In the SCR register
SFLK
Flicker Filter
4.2.6 Video Mode Changes
A video mode change starts when the internal micro-controller detects a significant change in either IVC
(Input Vertical Count) or IHC (Input Horizontal Count). The internal micro-controller samples IVC and IHC
approximately every 50ms. When a change is detected and is stable for several sample periods, the
mode change process is started and the MCS (Mode Change Start) bit is set in the SSR register.
Additionally, a mode change is initiated when the RSTVMODE bit is set in the SCR register or when the
OCAL bit in the SCR register is cleared.
If the input calibration tables are enabled (ENICTBL bit in the SCR register is set), then the accumulated
input calibration for the old video mode is stored in the input calibration table. Next, the input calibration
table is searched for an entry that matches the IVC and IHC of the new mode. If one is found, then the
input calibration is retrieved from the table.
If manual input calibration is enabled (DSICAL bit in SCR register is set) and the no input calibration
information was found in the input calibration table, then the input calibration information is retrieved from
the manual input calibration configuration values.
If auto input calibration is enabled (DSICAL bit in SCR register is clear) and the no input calibration
information was found in the input calibration table, then the internal micro-controller begins sampling of
the active video registers (SHV, EHV, SVV, and EVV).
Once the input calibration information is obtained, the internal micro-controller calculates the values for
the low-level hardware registers and programs them. At this point the MCS bit in the SSR is cleared and
the MCC (Mode Change Complete) bit in the SSR is set.
A video mode change does not change the state of any other software registers. This includes the
FREEZE and ZOOM bits in the HCRES register and the HPO, VPO, HPP, VPP, HSS, and VSS registers.
If the external controller modifies any of these, it might be desirable for the external controller to return
them to there reset state after a video mode change is complete.
An external controller can detect a video mode change by polling the MCC bit in the SSR. The MCC bit
remains set until an external controller sets the CLRMCC bit in the SCR register. The recommended
polling frequency is at least once per second, but not more than 20 times per second.
4.2.7 By-passing the Internal Micro-Controller
When the FS400’s built-in microprocessor is enabled, it is responsible for programming the following low-
level hardware registers:
IHO
Input Horizontal Offset
IVO
Input Vertical Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com