Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403LF Datasheet(PDF) 72 Page - List of Unclassifed Manufacturers

Part # FS403LF
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403LF Datasheet(HTML) 72 Page - List of Unclassifed Manufacturers

Back Button FS403LF Datasheet HTML 68Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 69Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 70Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 71Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 72Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 73Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 74Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 75Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 76Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
72
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
when the internal micro-controller is in
manual input calibration mode (DSICAL bit
in SCR is set).
Expressed as a percentage of the vertical
total * 65536.
CCR_MICAL_SHV
0x16
R/W
16
9830
The SHV (Start Horizontal Video) value is
used when the internal micro-controller is
in manual input calibration mode (DSICAL
bit in SCR is set).
Expressed as a percentage of the
horizontal total * 65536.
CCR_MICAL_SVV
0x17
R/W
16
1638
The SVV (Start Vertical Video) value is
used when the internal micro-controller is
in manual input calibration mode (DSICAL
bit in SCR is set).
Expressed as a percentage of the vertical
total * 65536.
CCR_HSS_MIN
0x18
R/W
16
Minimum value of HSS for the current
video mode.
CCR_HSS_MAX
0x19
R/W
16
Maximum value of HSS for the current
video mode.
CCR_VSS_MIN
0x1A
R/W
16
Minimum value of VSS for the current
video mode.
CCR_VSS_MAX
0x1B
R/W
16
Maximum value of VSS for the current
video mode.
CCR_HPX_MIN
0x1C
R/W
16
In zoom mode (ZOOM bit in HCRES is
set), contains the minimum value of HPP
for the current video mode. When not in
zoom mode, contains the minimum value
of HPO for the current mode.
CCR_HPX_MAX
0x1D
R/W
16
In zoom mode (ZOOM bit in HCRES is
set), contains the maximum value of HPP
for the current video mode. When not in
zoom mode, contains the maximum value
of HPO for the current mode.
CCR_VPX_MIN
0x1E
R/W
16
In zoom mode (ZOOM bit in HCRES is
set), contains the minimum value of VPP
for the current video mode. When not in
zoom mode, contains the minimum value
of VPO for the current mode.
CCR_VPX_MAX
0x1F
R/W
16
In zoom mode (ZOOM bit in HCRES is
set), contains the maximum value of VPP
for the current video mode. When not in
zoom mode, contains the maximum value
of VPO for the current mode.
CCR_GPO
0x20
R/W
16
0 or 1
The value written to the FS400 GPO
register. The internal micro-controller
controls the state of bit 0. All other bits are
available for general-purpose output.
CCR_IHC
0x21
R/W
16
The internal micro-controller’s version of
the FS400 IHC register.
CCR_IVC
0x22
R/W
16
The internal micro-controller’s version of
the FS400 IVC register.
CCR_HAT
0x23
R/W
16
The current HAT value. This can either be
the default HAT (DEF_HAT) or a HAT
calculated from the SHV and EHV
registers.
Expressed as a percentage of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com