Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403LF Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # FS403LF
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403LF Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button FS403LF Datasheet HTML 65Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 66Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 67Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 68Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 69Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 70Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 71Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 72Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
69
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
4.5.41 HOVOS – Hardware Output Vertical Offset Shadow
Hardware Output Vertical Offset Shadow Low (7E)
7
6
5
4
3
2
1
0
HOVOS 7
HOVOS 6
HOVOS 5
HOVOS 4
HOVOS 3
HOVOS 2
HOVOS 1
HOVOS 0
Hardware Output Vertical Offset Shadow High (7F)
7
6
5
4
3
2
1
0
HOVOS 15
HOVOS 14
HOVOS 13
HOVOS 12
HOVOS 11
HOVOS 10
HOVOS 9
HOVOS 8
Description:
Vertical displacement of the outgoing active video area in lines from the beginning of the equalization
pulses: line 1/263 for NTSC; line 311/623 for PAL.
Any change to TV_CLK, PROG_INT, or PAL_NTSC fields in the HCRS register causes the internal
micro-controller to initialize HOVOS register to a default value appropriate to the new output mode.
TV Mode
HOVOS
NTSC
38
PAL
44
VGA
40
SVGA
36
100Hz PAL
38
Progressive NTSC (720x480)
38
Super NTSC (1280x480)
38
Super PAL (1280x575)
44
Reset Value:
0x0026 (38.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com