Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403LF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS403LF
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403LF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS403LF Datasheet HTML 1Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 2Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 3Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 4Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 5Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 6Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 7Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 8Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 104 page
background image
1
JANUARY 24, 2007
COPYRIGHT
©1999, 2000, 2003 FOCUS ENHANCEMENTS, INC.
FS401, FS403
PC to TV Video
Scan Converters
Features
Frame rate Conversion †
Programmable 2D scaling †
Pan and Zoom †
Advanced 2-D flicker filter †
Frame-store memory controller
Supports Multiple Progressive Input
Resolutions †
–Minimum 640x 400
–Maximum 2048 x 1536
Supports Interlaced Input
–XGA and above
Input refresh rates up to 150Hz
Multiple Output Standards
–NTSC, NTSC-EIAJ, PAL-B/G/H/I †
–Composite, S-Video, SCART
–RGB, YUV
Standard NTSC and PAL
Super NTSC & PAL
VGA Progressive
SVGA Progressive
NTSC Progressive
PAL 100Hz Interlaced
Automatically detects input active video
area
Automatically selects the best output and
scaling for any input resolution
Programmable sharpness, brightness,
contrast and color saturation
Customizable On Screen Display via
glueless integration with Zilog and Philips
OSD Microprocessors (FS403)
C, H, and V Sync tri-state outputs
H and V Sync monitoring for DPMS
Support
Exceeds all PC97 and PC98 requirements
General Purpose Output Pins
(2 on FS401, 7 on FS403)
Genlock (FS403)
8-bit A/D converters with frequency
adaptive input filtering support
10-bit output D/A converters
Digital RGB Inputs (FS403)
I2Ccompatible port controls (SIO)
100 pin PQFP (FS401)
128 pin PQFP (FS403)
3.3V operation
RoHS Compliant
†Note: Covered under US Patent # 5,862,268, #
5,905,536, # 5,966,184 and/or patents pending.
Description
The FS400 family is a fourth generation
video scan converter. It accepts many
input resolutions and rates and converts
them to NTSC or PAL standards compliant
with SMPTE-170M and CCIR-656
standards. Also available as output
options are VGA 640 x 480 at 60Hz
progressive, SVGA 800 x 600 at 60Hz
progressive, and 100 Hz interlaced. The
chip has a programmable down scaler to fit
the incoming resolution to the output
display format. Within the FS400 are
capture and encoder engines separated by
the frame buffer memory controller.
Required external components are
minimal: a single 16M SDRAM memory,
clocks and passive parts.
Analog progressive RGB inputs are
digitized and converted to the YUV 4:2:2
format. Vertical scaling and flicker filtering
are implemented at the computer frame
rate ahead of the frame store interface.
Interlaced input is supported for XGA
resolution and above. In this mode, only
the first field is processed.
The Flicker Filter is an advanced 2
dimensional filter that enhances text
quality. Flicker Filter parameters are
programmable to allow user tradeoffs
between flicker and sharpness.
The FS400 family contains controls for
programmable sharpness, brightness,
contrast, and color saturation. These
controls allow output to be tuned to match
user desires and tastes.
Frame rate conversion is
implemented by a Frame Store
Controller that interfaces with an
external SDRAM frame store
memory.
YUV 4:2:2 data is recovered from
the memory at the outgoing frame
rate. Data is scaled prior to the


Similar Part No. - FS403LF

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
FS40 XPPOWER-FS40 Datasheet
685Kb / 9P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Alpha Company Ltd.
FS40 ALPHAC-FS40 Datasheet
89Kb / 1P
Active Heat Sink
FS40-15M42 ALPHAC-FS40-15M42 Datasheet
89Kb / 1P
Active Heat Sink
FS40-15M45 ALPHAC-FS40-15M45 Datasheet
89Kb / 1P
Active Heat Sink
FS40-15M47 ALPHAC-FS40-15M47 Datasheet
89Kb / 1P
Active Heat Sink
More results

Similar Description - FS403LF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2428Q SONY-CXD2428Q Datasheet
291Kb / 16P
Video Scan Converter
logo
Toshiba Semiconductor
TA1316AN TOSHIBA-TA1316AN Datasheet
1Mb / 115P
YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1360AFG TOSHIBA-TA1360AFG Datasheet
1Mb / 110P
YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
logo
List of Unclassifed Man...
CH7013A ETC1-CH7013A Datasheet
249Kb / 46P
Digital PC to TV Encoder
CH7003B ETC1-CH7003B Datasheet
334Kb / 50P
Digital PC to TV Encoder
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
LCD TV Scan Converter IC
logo
AverLogic Technologies ...
AL250 AVERLOGIC-AL250 Datasheet
42Kb / 2P
Video Scan Doubler
AL251 AVERLOGIC-AL251 Datasheet
44Kb / 2P
Video Scan Doubler
logo
Toshiba Semiconductor
TA1360AFG TOSHIBA-TA1360AFG_05 Datasheet
1Mb / 110P
YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1360ANG TOSHIBA-TA1360ANG_05 Datasheet
1Mb / 108P
YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com