Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403LF Datasheet(PDF) 82 Page - List of Unclassifed Manufacturers

Part # FS403LF
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403LF Datasheet(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button FS403LF Datasheet HTML 78Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 79Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 80Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 81Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 82Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 83Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 84Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 85Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
82
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
Input Vertical Offset, IVO is a twelve bit value that sets the vertical displacement of the captured active
video relative to the vertical sync as show in Figure 12.
Figure 12. Input Offset and Size Definitions
Input Horizontal Active Width, IHAW is the 10-bit terminal count of the number of horizontal pixels to be
inserted into frame store memory. (see Figure 12)
Input Vertical Active Height, IVAH is the 11-bit terminal count of the number of vertical pixels to be
inserted into frame store memory, which is equal to 2*ILS. (see Figure 12)
5.2.4 Output Offset and Size Control
Synchronization and timing of outgoing video pixel data is predetermined by the selection of the video
format. However, the location of the active video area must be selected by programming the offset
registers. Leading edges of outgoing horizontal and vertical sync define the dimensions of the outgoing
frame as shown in Figure 13. Offsets OVO and OHO define the position of the active video area within
the outgoing frame.
Output Horizontal Offset, OHO is the 11-bit terminal count of the horizontal displacement of the outgoing
active video in pixels relative to the leading edge of horizontal sync. (see Figure 13)
Output Vertical Offset, OVO is the 10-bit terminal count of the vertical displacement of the outgoing active
video in pixels relative to the beginning of vertical sync equalization pulses. (see Figure 13)
Figure 13. Output Horizontal and Vertical Offset Definitions
5.2.5 Freeze Frame
Setting the FREEZE bit of the Command Register can interrupt writing to the Frame Store. Capture will
continue until the end of the current frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com