Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403LF Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # FS403LF
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403LF Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button FS403LF Datasheet HTML 26Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 27Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 28Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 29Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 30Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 31Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 32Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 33Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
30
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
4.5.3 IHAW - Horizontal Active Width
Horizontal Active Width Low (4)
7
6
5
4
3
2
1
0
IHAW7
IHAW6
IHAW5
IHAW4
IHAW3
IHAW2
IHAW1
IHAW0
Horizontal Active Width High (5)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
IHAW9
IHAW8
Register
Bit#
Bit Name
Description
5, 4
1-0, 7-0
IHAW9-0
Horizontal active width [9:0]. Number of incoming pixels to be
stored in the Frame Store Memory following extraction from the
incoming active video area.
Range: {0 : [1023] }
Note:
IHAW optimizes the number of stored pixels. Line store capacity limits the maximum value of IHAW to 1023
active pixels per video line
Restrictions:
1.
IHAW < IHS-1
2.
NTSC:
3.
Zoom NTSC:
4.
PAL:
5.
Zoom PAL:
894
64
1
*
<
+
⎟
⎠
⎞
⎜
⎝
⎛ +
OHO
HSC
IHAW
894
64
1
*
*
2
<
+
⎟
⎠
⎞
⎜
⎝
⎛ +
OHO
HSC
IHAW
1125
64
1
*
<
+
⎟
⎠
⎞
⎜
⎝
⎛ +
OHO
HSC
IHAW
1125
64
1
*
*
2
<
+
⎟
⎠
⎞
⎜
⎝
⎛ +
OHO
HSC
IHAW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com