Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403LF Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # FS403LF
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403LF Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button FS403LF Datasheet HTML 23Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 24Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 25Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 26Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 27Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 28Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 29Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 30Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
27
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
Function
Reg.
Bit #
Name
Type
Reset Value
Horizontal Pan Position
70
7-0
HPP7-0
R/W
00
71
7-0
HPP15-8
R/W
00
Vertical Pan Position
72
7-0
VPP7-0
R/W
00
73
7-0
VPP15-8
R/W
00
TV Pixels
74
7-0
TVP7-0
R/W
92 (658.)
75
7-0
TVP15-8
R/W
02
TV Lines
76
7-0
TVL7-0
R/W
9C (412.)
77
7-0
TVL15-8
R/W
01
Configuration Command Register
78
7-0
CCR7-0
R/W
00
79
7-0
CCR15-8
R/W
00
Configuration Data Register
7A
7-0
CDR7-0
R/W
00
7B
7-0
CDR15-8
R/W
00
Hardware Output Horizontal Offset Shadow
7C
7-0
HOHOS7-0
R/W
B2 (178.)
7D
7-0
HOHOS15-8
R/W
00
Hardware Output Vertical Offset Shadow
7E
7-0
HOVOS7-0
R/W
26 (38.)
7F
7-0
HOVOS15-8
R/W
00
Following reset at power-up, the status of the internal registers is as indicated under “Reset Value”
above. Note set all unused bits are set to zero and all unused register bits are set to zero for readback.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com