Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS403LF Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # FS403LF
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS403LF Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button FS403LF Datasheet HTML 51Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 52Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 53Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 54Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 55Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 56Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 57Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 58Page - List of Unclassifed Manufacturers FS403LF Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
55
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
4.5.27 SSR – Software Status Register
Software Status Register Low (62)
7
6
5
4
3
2
1
0
0
HSYNCACT
VSYNCACT
ICALAQRD
MCC
MCS
ERROR
READY
Software Status Register High (63)
7
6
5
4
3
2
1
0
CHKSUM7
CHKSUM6
CHKSUM5
CHKSUM4
CHKSUM3
CHKSUM2
CHKSUM1
CHKSUM0
Reg
Bit#
Bit Name
Description
62
0
READY
0: Internal controller is initializing after reset
1: Internal controller is ready
62
1
ERROR
0: The video mode parameters are all within range
1: A video mode parameter is out of range and the mode cannot be
calculated. The following conditions cause an error:
IHC < 32
IVC < 32
HAT < 20%
VAT < 20%
TVP < 128
TVL < 128
62
2
MCS
Mode Change Start
0: Video mode change is not in progress.
1: Video mode change is in progress.
The internal micro-controller sets this bit to 1 after it detects a change
in the size or speed of the input video mode. The controller clears this
bit after it has completed the calculations for the new mode.
62
3
MCC
Mode Change Complete
0: Video mode change is not complete
1: Video mode change is complete
NOTE: This bit is set when a mode change is complete and cleared by
writing a 1 to the CLRMCC bit in the SCR
62
4
ICALAQRD
Input Calibration Acquired
0: The internal micro-controller has not yet read an acceptable set of
values from the SHV, EHV, SVV, and EVV registers and is using the
default values for HAT, SHV, VAT, and SVV.
1: The internal micro-controller has read acceptable input calibration
values and is using them.
62
5
VSYNCSACT
0: No VSync activity during last 100ms interval.
1: VSync activity during last 100ms interval was detected.
62
6
HSYNCACT
0: No HSync activity during last 100ms interval.
1: HSync activity during last 100ms interval was detected.
63
7-0
CHKSUM7-0
Internal micro-controller ROM and RAM checksum.
NOTE: The checksum for version 30 is 0xAF.
NOTE: It is possible to write to this register, however doing so will produce unpredictable results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com