Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC440AEVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC440AEVB
Description  High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC440AEVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC440AEVB Datasheet HTML 1Page - Semtech Corporation SC440AEVB Datasheet HTML 2Page - Semtech Corporation SC440AEVB Datasheet HTML 3Page - Semtech Corporation SC440AEVB Datasheet HTML 4Page - Semtech Corporation SC440AEVB Datasheet HTML 5Page - Semtech Corporation SC440AEVB Datasheet HTML 6Page - Semtech Corporation SC440AEVB Datasheet HTML 7Page - Semtech Corporation SC440AEVB Datasheet HTML 8Page - Semtech Corporation SC440AEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SC440A
4
www.semtech.com
© 2010 Semtech Corp.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Control Signals
EN, PWM High Voltage
V
EN_H
V
IN
= 4.5V to 27V
2
V
EN, PWM Low Voltage
V
EN_L
V
IN
= 4.5V to 27V
0.4
V
EN, PWM Leakage Current
I
EN_LEAK
V
EN
= V
PWM
= 0V to 5.0V
0.01
1
μA
PWM Dimming Frequency(1)
F
PWM
50
50k
Hz
PWM Dimming Minimum Duty Cycle(1)
D
MIN_PWM
F
PWM
= 200Hz
0.4
%
PWM Dimming Minimum Pulse Width
T
PWM_MIN
F
PWM
= 200Hz
10
μs
FFLAG Voltage
V
FFLAG
I
FFLAG
= 2 mA, normal operation
0.25
V
SS Source Current
I
SS_H
Vss = 0V
6
μA
SS Sink Current
I
SS_L
Vss = 2V at OVP or OTP
1.6
SS Switching Threshold
V
SS_TH
T
J
= 25°C
0.7
0.9
1.05
V
SS End Voltage
V
SS_END
2.6
V
Over-Voltage Protection
OVPIN Threshold Voltage
V
OVPIN_TH
1.475
1.535
1.595
V
OVPIN Leakage Current
I
OVPIN_L
OVPIN = VIN = 20V
0.1
1
μA
OVPRTN Saturation Voltage
V
OVPRTN
I
OVPRTN
=100μA
60
mV
OVPRTN Leakage Current
I
OVPRTN_L
OVPRTN = VIN
1
μA
VOUT Internal Pull-Down in
Over-Voltage Fault
I
OVP
0.9
mA
VOUT Leakage Current
I
VOUT_L
V
OUT
= 40V
0.1
μA
Current Source (IO1 ~ IO6)
Backlight Current Accuracy
IO1~IO6
EN, PWM = 1; T
J
= 25°C
27
30
32
mA
Overshoot Protection Threshold
IO1~IO6
0.8
V
Overshoot Protection Hysteresis
Any of IO1~IO6
100
mV
LED Current Matching (1)
PWM =10% to 100%; T
J
= 25°C
PWM = 200Hz / 500Hz
+/-1
+/-3
%
Maximum LED Current
I
O_MAX
35
mA
LED Short Circuit Protection
Threshold
V
IO_SCP
T
J
= 25°C
2.2
2.35
2.55
V
I
O
Off Leakage Current
I
O_LEAK
EN = 0V, V
IO1
~ V
IO6
= 12V
0.1
1
μA
SCP_EN Bias
I
SCP_EN
SCP_EN = 0V
-40
μA
Over-Temperature Protection
Thermal Shutdown
Temperature
T
OTP
150
°C
Thermal Shutdown Hysteresis
T
OTP_H
30
°C
Notes:
(1) Guaranteed by design.
Electrical Characteristics (continued)
Unless otherwise noted, V
IN
= 12V, -40°C < T
A
= T
J
< 85°C, R
IOSET
= 2kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com