Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC440AEVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC440AEVB
Description  High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC440AEVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC440AEVB Datasheet HTML 3Page - Semtech Corporation SC440AEVB Datasheet HTML 4Page - Semtech Corporation SC440AEVB Datasheet HTML 5Page - Semtech Corporation SC440AEVB Datasheet HTML 6Page - Semtech Corporation SC440AEVB Datasheet HTML 7Page - Semtech Corporation SC440AEVB Datasheet HTML 8Page - Semtech Corporation SC440AEVB Datasheet HTML 9Page - Semtech Corporation SC440AEVB Datasheet HTML 10Page - Semtech Corporation SC440AEVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
SC440A
7
www.semtech.com
© 2010 Semtech Corp.
Typical Characteristics (continued)
Start up
VIN
5V/DIV
SS
2V/DIV
VOUT
20V/DIV
IO6
1V/DIV
Time ( 10ms/DIV)
Conditions: VIN = 5V, Load = 30mA
x 6 strings, 8 LEDs per string
Start up
VIN
5V/DIV
SS
2V/DIV
VOUT
20V/DIV
IO6
1V/DIV
Time ( 10ms/DIV)
Conditions: VIN = 5V, Load = 30mA
x 6 strings, 8 LEDs per string
Shut down
VIN
5V/DIV
SS
2V/DIV
EN
1V/DIV
Time ( 200ms/DIV)
Conditions: VIN = 5V, Load = 30mA
x 6 strings, 8 LEDs per string
Shut down
VIN
5V/DIV
SS
2V/DIV
EN
1V/DIV
Time ( 200ms/DIV)
Conditions: VIN = 5V, Load = 30mA
x 6 strings, 8 LEDs per string
Main Power Switching Waveform
SW
10V/DIV
VOUT(AC)
50mV/DIV
Time ( 0.5us/DIV)
Conditions: VIN = 5V, Load = 30mA
x 6 strings, 8 LEDs per string
Main Power Switching Waveform
SW
10V/DIV
VOUT(AC)
50mV/DIV
Time ( 0.5us/DIV)
Conditions: VIN = 5V, Load = 30mA
x 6 strings, 8 LEDs per string
Main Power Switching Waveform
SW
10V/DIV
VOUT(AC)
50mV/DIV
Time ( 0.5us/DIV)
Conditions: VIN = 12V, Load =
30mA x 6 strings, 8 LEDs per string
Main Power Switching Waveform
SW
10V/DIV
VOUT(AC)
50mV/DIV
Time ( 0.5us/DIV)
Conditions: VIN = 12V, Load =
30mA x 6 strings, 8 LEDs per string



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com