Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC440AEVB Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC440AEVB
Description  High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC440AEVB Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC440AEVB Datasheet HTML 13Page - Semtech Corporation SC440AEVB Datasheet HTML 14Page - Semtech Corporation SC440AEVB Datasheet HTML 15Page - Semtech Corporation SC440AEVB Datasheet HTML 16Page - Semtech Corporation SC440AEVB Datasheet HTML 17Page - Semtech Corporation SC440AEVB Datasheet HTML 18Page - Semtech Corporation SC440AEVB Datasheet HTML 19Page - Semtech Corporation SC440AEVB Datasheet HTML 20Page - Semtech Corporation SC440AEVB Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
SC440A
18
www.semtech.com
© 2010 Semtech Corp.
ITEM
QUANTITY
REFERENCE
PART
1
1
CR4
1nF
2
1
C2
10μF, 50V, 1210
3
2
C6, C7
2.2μ, 25V, 0805
4
1
C8
47nF
5
1
C9
12nF
6
1
D1
SS14
7
1
L1
6.8μ, IHLP-2525CZ1
8
1
R4
10k
9
1
R2
221k
10
2
R3, R9
20k
11
2
R7
10k
12
1
R8
2k
13
1
U1
SC440A, Semtech
14
1
R5
1, 0805
15
48
LEDs
SML-LX0603UWD
16
1
R6
1.5k
BOM for 6 string 8-LED Application Case
Case 3: Schematic for 6 strings 12 low Vf LEDs per string application
C8
R7
10k
C1
4.7uF
C6
2.2u
R2
249k
LED
LED
LED
LED
R4
10k
LED
LED
R5 1
LED
LED
LED
LED
GND
C7
2.2u
R6
6.04k
C9
12n
GND
D1
L1
10u
VIN=12V
R8 3k
LED
LED
IO1
1
AGND
2
FFLAG
3
EN
4
SS
5
OVPRTN
6
7
8
9
10
12
VIN
13
IOSET
14
SCP_EN
15
COMP
16
VOUT
17
PWM
18
19
20
21
22
23
24
25
SC440A
47n
R3
20k
R9
20k
CR4
1n
12 low Vf LEDs per string
PWM
Toko, DS86C
SS15
C2
4.7uF
C3
4.7uF
50V
50V
50V
C8
R7
10k
C1
4.7uF
C6
2.2u
R2
249k
LED
LED
LED
LED
R4
10k
LED
LED
R5 1
LED
LED
LED
LED
GND
C7
2.2u
R6
6.04k
C9
12n
GND
D1
L1
10u
VIN=12V
R8 3k
LED
LED
IO1
1
AGND
2
FFLAG
3
EN
4
SS
5
OVPRTN
6
7
8
9
10
12
VIN
13
IOSET
14
SCP_EN
15
COMP
16
VOUT
17
PWM
18
19
20
21
22
23
24
25
SC440A
47n
R3
20k
R9
20k
CR4
1n
12 low Vf LEDs per string
PWM
Toko, DS86C
SS15
C2
4.7uF
C3
4.7uF
50V
50V
50V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com