Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC440AEVB Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC440AEVB
Description  High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC440AEVB Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC440AEVB Datasheet HTML 13Page - Semtech Corporation SC440AEVB Datasheet HTML 14Page - Semtech Corporation SC440AEVB Datasheet HTML 15Page - Semtech Corporation SC440AEVB Datasheet HTML 16Page - Semtech Corporation SC440AEVB Datasheet HTML 17Page - Semtech Corporation SC440AEVB Datasheet HTML 18Page - Semtech Corporation SC440AEVB Datasheet HTML 19Page - Semtech Corporation SC440AEVB Datasheet HTML 20Page - Semtech Corporation SC440AEVB Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
SC440A
17
www.semtech.com
© 2010 Semtech Corp.
Case 1: Schematic for 6 strings 8 LEDs per string application
Case 2: Schematic for 5 strings 8 LEDs per string application
C8
R7
10k
C2
10uF
C6
2.2u
R2
221k
LED
LED
LED
LED
R4
10k
LED
LED
R5 1
LED
LED
LED
LED
GND
C7
2.2u
R6
1.5k
C9
12n
GND
D1
L1
6.8u
VIN=5V ~ 20V
R8 2k
LED
LED
IO1
1
AGND
2
FFLAG
3
EN
4
SS
5
OVPRTN
6
7
8
9
10
12
VIN
13
IOSET
14
SCP_EN
15
COMP
16
VOUT
17
PWM
18
19
20
21
22
23
24
25
SC440A
47n
R3
20k
R9
20k
CR4
1n
8 LEDs per channel
PWM
C8
R7
10k
C2
10uF
C6
2.2u
R2
221k
LED
LED
LED
LED
R4
10k
LED
LED
R5 1
LED
LED
LED
LED
GND
C7
2.2u
R6
1.5k
C9
12n
GND
D1
L1
6.8u
VIN=5V ~ 20V
R8 2k
LED
LED
IO1
1
AGND
2
FFLAG
3
EN
4
SS
5
OVPRTN
6
7
8
9
10
12
VIN
13
IOSET
14
SCP_EN
15
COMP
16
VOUT
17
PWM
18
19
20
21
22
23
24
25
SC440A
47n
R3
20k
R9
20k
CR4
1n
8 LEDs per channel
PWM
Input
12V
R7
20k
R3
20k
C1
10uF
C6
2.2u
0
CR4
1nF
0
R2
221k
R4
10k
0
C8
47nF
0
C7
2.2u
R6
1.5k
C9
12n
P2
D1
SS14
L1
10u
P1
0
R8 3k
IO1
1
AGND
2
FFLAG
3
EN
4
SS
5
OVPRTN
6
VIN
13
IOSET
14
SCP_EN
15
COMP
16
VOUT
17
PWM
18
U1
SC440A
R9
20k
8 LEDs per channel
Coilcraft, MOS6020
Input
12V
R7
20k
R3
20k
C1
10uF
C6
2.2u
0
CR4
1nF
0
R2
221k
R4
10k
0
C8
47nF
0
C7
2.2u
R6
1.5k
C9
12n
P2
D1
SS14
L1
10u
P1
0
R8 3k
IO1
1
AGND
2
FFLAG
3
EN
4
SS
5
OVPRTN
6
VIN
13
IOSET
14
SCP_EN
15
COMP
16
VOUT
17
PWM
18
U1
SC440A
R9
20k
8 LEDs per channel
Coilcraft, MOS6020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com