Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC440AEVB Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC440AEVB
Description  High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC440AEVB Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC440AEVB Datasheet HTML 2Page - Semtech Corporation SC440AEVB Datasheet HTML 3Page - Semtech Corporation SC440AEVB Datasheet HTML 4Page - Semtech Corporation SC440AEVB Datasheet HTML 5Page - Semtech Corporation SC440AEVB Datasheet HTML 6Page - Semtech Corporation SC440AEVB Datasheet HTML 7Page - Semtech Corporation SC440AEVB Datasheet HTML 8Page - Semtech Corporation SC440AEVB Datasheet HTML 9Page - Semtech Corporation SC440AEVB Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SC440A
6
www.semtech.com
© 2010 Semtech Corp.
Typical Characteristics (continued)
VOUT Pull Down Current vs Temperature
VIN=4.5V
VIN=21V
0.82
0.84
0.86
0.88
0.9
0.92
-40
-20020
40
60
80
Temperature (ºC)
LED Source SCP Threshold vs Temperature
4.5V
21V
2.42
2.425
2.43
2.435
-40
-20
0
20406080
Temperature (ºC)
LED Current Setting vs Temperature
RIOSET =
2kohm
29.5
30
30.5
31
-40
-20020
40
60
80
Temperature (ºC)
Efficiency vs Input Voltage
VOUT=26.5V, D1=SS14
L1=10u, IHLP-2525CZ1 / Vishay, Co=10uF
0.83
0.84
0.85
0.86
0.87
0.88
0.89
0.90
0.91
5
7
9
11
131517
1921
Input Voltage (V)
PWM Dimming Duty Cycle vs LED current
5mA x 6 string load, 8 LEDs per string, L1=MOS6020-10u,
C2=10uF
Fpwm = 200
Hz
Fpwm =
50kHz
0
5
10
15
20
25
30
35
0
2040
6080
100
Duty Cycle
PWM Dimming Duty Cycle vs LED current
30mA x 6 string load, 8 LEDs per string, L1=MOS6020-10u,
C2=10uF
Fpwm = 200
Hz
Fpwm =
50kHz
0
50
100
150
200
0
2040
6080
100
Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com