Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC440AEVB Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC440AEVB
Description  High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC440AEVB Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC440AEVB Datasheet HTML 10Page - Semtech Corporation SC440AEVB Datasheet HTML 11Page - Semtech Corporation SC440AEVB Datasheet HTML 12Page - Semtech Corporation SC440AEVB Datasheet HTML 13Page - Semtech Corporation SC440AEVB Datasheet HTML 14Page - Semtech Corporation SC440AEVB Datasheet HTML 15Page - Semtech Corporation SC440AEVB Datasheet HTML 16Page - Semtech Corporation SC440AEVB Datasheet HTML 17Page - Semtech Corporation SC440AEVB Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
SC440A
14
www.semtech.com
© 2010 Semtech Corp.
Applications Information (continued)
false protection, or, simply disable this feature by tying
Pin 15 to GND.
Parallel Operation
When two or more SC440As are operating in parallel for
a large-sized panel application, audible noise may be
observed due to a non-synchronous switching frequency.
The ripple voltage on the input voltage rail will be
modulated by the beat frequency resulting in audible
noise. This situation can be resolved by adding an input
inductor between the input voltage rail and the VIN pin.
This situation can also be improved by adding more input
decoupling capacitors.
Inductor Selection
The inductance value of the inductor affects the converter’s
steady state operation, transient response, and its loop
stability. Special attention needs to be paid to three
specifications of the inductor, its value, its DC resistance
and saturation current. The inductor’s inductance value
also determines the inductor ripple current. The converter
can operate in either CCM or DCM depending on its
working conditions. The inductor DC current or input
current can be calculated as,
V
I
V
I
IN
OUT
OUT
IN
I
IN
- Input current;
I
OUT
– Output current;
V
OUT
– Boost output voltage;
V
IN
– Input voltage;
η – Efficiency of the boost converter.
Then the duty ratio is,
D
OUT
D
IN
OUT
V
V
V
V
V
D
V
D
– Forward conduction drop of the output rectifying
diode
When the boost converter runs in DCM ( L < L
boundary
), it
takes the advantages of small inductance and quick
transient response while avoiding the bandwidth-
limiting instability of the RHP zero found in CCM boost
converters.
The inductor peak current is,
The converter will work in CCM if L > L
boundary
. Generally
the converter has higher efficiency under CCM and the
inductor peak current is,
L
F
2
D
V
I
I
S
IN
IN
peak
-
L
For many applications, an inductor with value of 4.7
μH to
22
μH should be fine, such as for the typical case shown
on page 1. The inductor peak current must be less than its
saturation rating. When the inductor current is close to the
saturation level, its inductance can decrease 20% to 35%
from the 0A value depending on the vendor specifications.
Using a small value inductor forces the converter under
DCM in which case the inductor current ramps down to
zero before the end of each switching cycle. It reduces the
boost converter’s maximum output current, and produces
large input voltage ripple. An inductor with larger
inductance will reduce the bandwidth of the feedback
loop, possibly higher DC resistance (DCR). Inductor’s
DCR plays a significant role for the total efficiency since
the power transistor is integrated inside the SC440A. Of
course, there is a trade-off between the DCR and inductor
size.
Table 2 lists recommended inductors and their
vendors.
Table 2. Recommended Inductors
Inductor
Website
DR74, 4.7μH ~ 15μH
www.cooperet.com
IHLP-2525CZ-01, 4.7μ ~ 10μH
www.vishay.com
DS85LC, 6.8μH ~ 10μH
www.tokoam.com
L
F
D
V
I
S
IN
peak
L
⋅
⋅
=
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com