Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC440AEVB Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC440AEVB
Description  High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC440AEVB Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC440AEVB Datasheet HTML 5Page - Semtech Corporation SC440AEVB Datasheet HTML 6Page - Semtech Corporation SC440AEVB Datasheet HTML 7Page - Semtech Corporation SC440AEVB Datasheet HTML 8Page - Semtech Corporation SC440AEVB Datasheet HTML 9Page - Semtech Corporation SC440AEVB Datasheet HTML 10Page - Semtech Corporation SC440AEVB Datasheet HTML 11Page - Semtech Corporation SC440AEVB Datasheet HTML 12Page - Semtech Corporation SC440AEVB Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
SC440A
9
www.semtech.com
© 2010 Semtech Corp.
Pin Descriptions
Pin #
Pin Name
Pin Function
1
IO1
Provides constant sink current to LED string 1.
2
AGND
Analog ground
3
FFLAG
Power failure signal output with open collector.
4
EN
Enable the device including requlator and LED drivers.
5
SS
Soft-start pin
6
OVPRTN
Over-voltage return
7
OVPIN
Over-voltage input
8, 12
PGND
Power ground
9, 10
SW
Collector of the internal power transistor – connect to the boost inductor and the rectifying diode.
11
N/C
Left open.
13
VIN
Input power supply.
14
IOSET
Current source IO value set pin – by selecting the resistor connected from this pin to GND, the
corresponding maximum current on all 6 strings are set.
15
SCP_EN
LED short-circuit protection pin – leaving this pin open enables the function, tying it to ground
disables it. If any IO pin connects to VIN, SCP_EN needs to be left open to activate the protection.
16
COMP
The output of the internal transconductance error amplifier – this pin is used for loop compensation.
17
VOUT
Output voltage pin – internal over-voltage Connect the output capacitor and the anode of
control pin for LED backlight strings.
18
PWM
PWM control pin for LED backlight strings.
19
IO6
Provides constant sink current to LED string 6.
20
IO5
Provides constant sink current to LED string 5.
21
IO4
Provides constant sink current to LED string 4.
22
IOGND
Constant sink current ground, tying to AGND.
23
IO3
Provides constant sink current to LED string 3.
24
IO2
Provides constant sink current to LED string 2.
T
Thermal Pad
Thermal pad for heatsinking purposes — connect — not connected internally
EN
STATUS
0
backlight disable
1
backlight enable
Note: When EN = 0; the boost is turned OFF and disabled.
Table 1.
Note: Any unused IO pin should be pulled up to VIN with the SCP_EN left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com