Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC440AEVB Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC440AEVB
Description  High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC440AEVB Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC440AEVB Datasheet HTML 11Page - Semtech Corporation SC440AEVB Datasheet HTML 12Page - Semtech Corporation SC440AEVB Datasheet HTML 13Page - Semtech Corporation SC440AEVB Datasheet HTML 14Page - Semtech Corporation SC440AEVB Datasheet HTML 15Page - Semtech Corporation SC440AEVB Datasheet HTML 16Page - Semtech Corporation SC440AEVB Datasheet HTML 17Page - Semtech Corporation SC440AEVB Datasheet HTML 18Page - Semtech Corporation SC440AEVB Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
SC440A
15
www.semtech.com
© 2010 Semtech Corp.
Applications Information (continued)
Output Capacitor Selection
The next task in SC440A design is targeting the proper
amount of ripple voltage due to the constant-current
LED loads. The two error amplifiers that control the PWM
converter sense the delta between requested current
and actual current in each output current regulator. On
a cycle-by-cycle basis, a small amount of output ripple
ensures good sensing and tight regulation, while the
output current regulators keep each LED current at a fixed
value. Overall, this allows usage of small output caps while
ensuring precision LED current regulation. Although the
mechanics of regulation and frequency dependence may
be complex, actual selection of output capacitor can be
simplified because this capacitor is mainly selected for
the output ripple of the converter. Assume a ceramic
capacitor is used. The minimum capacitance needed for a
given ripple can be estimated by,
RIPPLE
S
OUT
OUT
N
OUT
OUT
V
F
V
I
)
I
V
(V
C
V
RIPPLE
– Peak to peak output ripple;
I
OUT
– Output current;
V
OUT
– Boost output voltage;
V
IN
– Input voltage;
F
S
– Switching frequency.
During load transient, the output capacitor supplies or
absorbs additional current before the inductor current
reaches its steady state value. Larger capacitance helps
with the overshoot and undershoots during load transient,
and loop stability. Recommended ceramic capacitor
manufacturers are listed in Table 3.
Table 3. Recommended Ceramic Capacitor
Manufacturers
Vendor
Phone
Website
Kemet
408-986-0424
www.kemet.com
Murata
814-237-1431
www.murata.com
Taiyo Yuden
408-573-4150
www.t-yuden.com
Output Rectifying Diode Selection
Schottky diodes are the ideal choice for SC440A due to
their low forward voltage drop and fast switching speed.
Table 4 shows several different Schottky diodes that work
well with the SC440A. Make sure that the diode has a
voltage rating greater that the possible maximum ouput
voltage. The diode conducts current only when the power
switch is turned off. A diode of 1A will be sufficient for
most designs.
Layout Guidelines
The SC440A contains a boost converter and the
placements of the power components outside the
SC440A should follow the layout guidelines of a general
boost converter. The application circuit on page 17 will
be used as an example. The layout illustration diagram is
shown on page 19. R5 and C7 form a decoupling filter for
the SC440A. C7 should be placed as close as possible to
the VIN and PGND to achieve the best performance. C6 is
the input power filtering capacitor for the boost converter
power train. L1 is the boost converter input inductor. D1 is
the output rectifying diode and it is recommended that a
Schottky diode be used for fast reverse recovery.
To minimize switching noise for the boost converter, the
output capacitor, C2, should be placed at the bottom, as
displayed on page 19, so that the loop formed by C2, D1,
and the internal switch, is the smallest. The output of the
boost converter is used to power up the LEDs. R6, C9 and
C10 (open, not used), form the compensation network for
the boost converter. C9 should return to analog ground.
Table 4. Recommended Rectifying Diodes
Part
Vendor
SS13
SS14
Vishay
www.vishay.com
C8 determines the soft-start time and should be connected
to analog ground. R8 is the output current programming
resistor for IO1 through IO6 and should return to analog
ground. IOGND should also be connected to AGND.
Since there is pad at the bottom of the SC440A for heat
dissipation, a copper area right underneath the pad is
used for better heat spreading. On the bottom layer of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com