Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC440AEVB Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC440AEVB
Description  High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC440AEVB Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC440AEVB Datasheet HTML 7Page - Semtech Corporation SC440AEVB Datasheet HTML 8Page - Semtech Corporation SC440AEVB Datasheet HTML 9Page - Semtech Corporation SC440AEVB Datasheet HTML 10Page - Semtech Corporation SC440AEVB Datasheet HTML 11Page - Semtech Corporation SC440AEVB Datasheet HTML 12Page - Semtech Corporation SC440AEVB Datasheet HTML 13Page - Semtech Corporation SC440AEVB Datasheet HTML 14Page - Semtech Corporation SC440AEVB Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
SC440A
11
www.semtech.com
© 2010 Semtech Corp.
Applications Information
SC440A Detailed Description
The SC440A contains a high frequency, current-mode
boost regulator and six string LED current sources. The
LED current for all strings is programmed by an external
resistor and the PWM controller operates to maintain the
output voltage at a level which will keep the current of
each string regulated. A typical application would use 3-8
backlight LEDs for each string, driven with approximately
30mA.
Operation
The SC440A regulates the boost converter output voltage
based on instantaneous requirement of the six string
current sources. Therefore, only a single inductor and
power switch is needed to provide power to the entire
lighting subsystem, increasing efficiency and reducing
part count. A logic interface to output control circuit has
high-bandwidth, and supports PWM dimming with 50Hz
to 50kHz dimming frequency while the entire supply
current is reduced to 4.5mA (typical) when all LED strings
are off.
High frequency switching provides high output power
using a 1.0mm height inductor, maximizing efficiency
for space-constrained and cost-sensitive applications.
Additionally, the converter and output capacitor are
protected from open-LED conditions by programmable
over voltage protection.
LED Current Programming
The SC440A is a LED current programmable regulator. The
LED current set point is chosen using external an resistor
connected to the IOSET pin. The relationship between the
programming resistor value and the LED current set point
of each string can be described as follows:
IOSET
LED
R
60
I
Where, R
IOSET
is in k
Ω.
I
LED
is the output current of each string in mA.
Start-Up
During start-up, when the VIN pin voltage reaches its UVLO
threshold, and both EN and PWM signals are set to high,
the SS pin begins to source 6
μA to the SS capacitor and its
voltage begins to rise from 0V to its end value (2.6V). The
output voltage of the internal error amplifier (COMP) is
increases and clamped by the SS pin voltage. When the SS
pin voltage reaches its switching threshold, the SC440A
starts to switch and the output voltage increases.
Each internal LED current source (IO1 ~ IO6) tries to regulate
the LED current to its set point. While the output voltage
increases, a suitable amount of error information will be
generated on the internal error amplifier as the COMP pin
voltage keeps rising. Once each LED current reaches its
set point, the error information is not generated by the
LED current source. The COMP pin voltage stays at a level
which keeps the LED current at its set point.
If the EN pin voltage is pulled below 0.4V and VIN reaches
to its UVLO, SC440A will stay at shutdown mode, drawing
less than 1μA from the input power supply.
If the PWM pin voltage is pulled below 0.4V when the EN
pin is pulled high and VIN reaches its UVLO, the SC440A
runs in standby mode, drawing 4.5mA (typical) from the
input power supply. Under this condition, soft-start is
initiated and the SS pin voltage is raised to its end value
since the EN pin is pulled high. After that, when PWM
signal goes high to enable SC440A, the COMP pin voltage
will rise as quickly as it can since it is not being limited
by the SS pin. A proper capacitance (10nF ~ 100nF) is
required for the COMP pin and its external RC network in
order to prevent output voltage overshoot.
Shut Down
When the VIN pin voltage falls below its UVLO or EN
pin voltage goes low, the SC440A will run in shutdown
mode. The internal switch and LED current sources will
be immediately turned off. The SS capacitor is discharged
by SS pin internal current source and the SS pin voltage
decreases to 0V. The output voltage falls to the same level
as the input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com