Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7787FS Datasheet(PDF) 14 Page - Rohm

Part # BA7787FS
Description  Headphone / speaker amplifier for notebook computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7787FS Datasheet(HTML) 14 Page - Rohm

Back Button BA7787FS Datasheet HTML 10Page - Rohm BA7787FS Datasheet HTML 11Page - Rohm BA7787FS Datasheet HTML 12Page - Rohm BA7787FS Datasheet HTML 13Page - Rohm BA7787FS Datasheet HTML 14Page - Rohm BA7787FS Datasheet HTML 15Page - Rohm BA7787FS Datasheet HTML 16Page - Rohm BA7787FS Datasheet HTML 17Page - Rohm BA7787FS Datasheet HTML 18Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
Multimedia ICs
BA7786FP-Y / BA7787FS
INPUT: LINE IN L
OUTPUT: HP OUT L
VIN = – 30dBV
HP VCC = 5.0V
SP VCC = 5.0V
VE = 5.0V
100
100k
10k
1k
1M
10M
– 20
FREQUENCY: f (Hz)
– 30
– 40
– 50
– 60
– 70
– 80
– 90
– 100
– 180
+ 180
Fig. 5 HP AMP frequency
characteristics
•Electrical characteristic curves
INPUT: LINE IN L
OUTPUT: HP OUT L
f = 1kHz
HP VCC = 5.0V
SP VCC = 5.0V
VE = 5.0V
B.W. = 0.4 ~ 30kHz
RL = 100
Ω
RL =
∞
– 40
– 10
– 20
– 30
0
INPUT LEVEL: VIN (dBV)
10
1
0.1
0.01
Fig. 6 HP AMP input level vs.
output distortion
INPUT: LINE IN L
OUTPUT: HP OUT L
VIN = – 6.4dBV
HP VCC = 5.0V
SP VCC = 5.0V
VE = 5.0V
DIN AUDIO
VM = GND
VM = 5.0V
10
1k
100
10k
100k
10
0
FREQUENCY: f (Hz)
– 10
– 20
– 30
– 40
– 50
– 60
– 70
– 90
– 80
– 100
Fig. 7 HP AMP MUTE
characteirstics
INPUT: LINE IN L
OUTPUT: HP OUT L
VIN = – 10dBV, f = 1kHz
HP VCC = 5.0V
SP VCC = 5.0V
DIN AUDIO
0
0.5
1.0
0
VOLTAGE RATIO: VE / VCC
– 50
– 100
Fig. 8 HP AMP EVR
characteristics
INPUT: LINE IN L
OUTPUT: HP OUT L
VIN = 5.0Vpp, f = 10kHz
HP VCC = 5.0V
SP VCC = 5.0V
VE = 5.0V
10k
100k
1M
BA7787FS: 15pin
BA7786FP-Y: 7pin
RESISTOR: R (
Ω)
1.0
0.1
Fig. 9 SYSTEM BEEP output level vs.
external resistor.
INPUT: SP IN
OUTPUT: SP OUT 1
VIN = – 30dBV
HP VCC = 5.0V
SP VCC = 5.0V
100
100k
10k
1k
1M
10M
– 20
FREQUENCY: f (Hz)
– 100
Fig.10 SP AMP frequency
characteristics
INPUT: SP IN
OUTPUT: SP OUT 1 / 2, f = 1kHz
HP VCC = 5.0V, SP VCC = 5.0V
VE = 5.0V, B.W. = 0.4 ~ 30kHz
RL =
∞
RL = 8
Ω
– 50
– 10
– 20
– 30
– 40
0
INPUT LEVEL: VIN (dBV)
10
1
0.1
0.01
Fig. 11 SP AMP input level vs.
output distortion
RL = speaker (8
Ω)
INPUT: SP IN
OUTPUT: SP OUT 1 / 2
VIN = – 11.6dBV
HP VCC = 5.0V
SP VCC = 5.0V
DIN AUDIO
10
1k
100
10k
100k
10
0
FREQUENCY: f (Hz)
– 10
– 20
– 30
– 40
– 60
– 50
– 70
– 80
– 90
– 100
Fig. 12 SP AMP MUTE
characteristics
VL = GND
VL = 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com