Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7787FS Datasheet(PDF) 2 Page - Rohm

Part # BA7787FS
Description  Headphone / speaker amplifier for notebook computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7787FS Datasheet(HTML) 2 Page - Rohm

  BA7787FS Datasheet HTML 1Page - Rohm BA7787FS Datasheet HTML 2Page - Rohm BA7787FS Datasheet HTML 3Page - Rohm BA7787FS Datasheet HTML 4Page - Rohm BA7787FS Datasheet HTML 5Page - Rohm BA7787FS Datasheet HTML 6Page - Rohm BA7787FS Datasheet HTML 7Page - Rohm BA7787FS Datasheet HTML 8Page - Rohm BA7787FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Multimedia ICs
BA7786FP-Y / BA7787FS
•Block diagram
HP VCC
SP VCC
1
2
3
4
5
6
7
8
9
10111213
14
15
16
17
18
19
20
21
22
23
24
25
VR
VR
BA7786FP-Y
•Pin descriptions
Pin No.
Pin name
Function
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
EVR CTRL
EVR control pin
25
Voltage
Type
—
B (NPN)
LINE IN L
Line Lch input
2.5
B (PNP)
MUTE CTRL
Headphone mute control pin
5.0
100k
Ω PULL UP
LINE IN R
Line Rch input
2.5
B (PNP)
BIAS
Bias
2.5
23.5k
Ω
SYSTEM BEEP IN
SYSTEM BEEP input
2.5
B (NPN)
BEEP LEVEL
SYSTEM BEEP IN output level setting
4.2
C (PNP) ~ 3k
Ω
LCH OUT
LINE IN L + SYSTEM BEEP IN output
—
C (PNP)
PM BEEP IN
PM beep input
2.5
B (NPN)
SP OUT1 L
BTL speaker Lch output (forward)
2.5
EF (NPN)
SP OUT2 L
BTL speaker Lch output (reverse)
2.5
EF (NPN)
HP SUSPEND
Headphone SUSPEND control
5.0
100k
Ω PULL UP
SP SUSPEND
Speaker SUSPEND control
5.0
100k
Ω PULL UP
SP GND
Speaker ground
0.0
—
MONO / ST
Speaker amplifier Lch ON / OFF control
5.0
100k
Ω PULL UP
SP OUT2 R
BTL speaker Rch output (reverse)
EF (NPN)
SP OUT1 R
BTL speaker Rch output (forward)
2.5
EF (NPN)
LINE MIX ON / OFF
SP IN L / R input ON / OFF control
5.0
100k
Ω PULL UP
SP VCC
Speaker Vcc
5.0
—
SP IN R
Speaker Rch input
2.5
B (NPN)
SP IN L
Speaker Lch input
2.5
B (NPN)
HP GND
Headphone ground
0.0
—
HP OUT R
Headphone Rch output
2.5
EF (NPN)
HP OUT L
Headphone Lch output
2.5
EF (NPN)
HP VCC
Headphone Vcc
5.0
—
2.5
Note) The pin formats are as follows. EF: emitter follower; B: base; C: collector; ~ : series connection.
The above values are all based on the settings (HP VCC = SP VCC = + 5.0V) in Fig. 1, entitled "Measurement circuit diagram,"
and do not guarantee standards.
BA7786FP-Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com